| Electronic Components Datasheet Search |
|
STM32MP157FAD1T Datasheet(PDF) 50 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32MP157FAD1T Datasheet(HTML) 50 Page - STMicroelectronics |
|
50 / 260 page ![]() Functional overview STM32MP157C/F 50/260 DS12505 Rev 5 3.35.8 Generic timers (Cortex-A7 CNT) Cortex-A7 generic timers embedded inside Cortex-A7 are fed by value from system timing generation (STGEN). The Cortex-A7 processor provides a set of four timers for each processor: • Physical timer for use in secure and non-secure modes. The registers for the physical timer are banked to provide secure and non-secure copies. • Virtual timer for use in non-secure modes. • Physical timer for use in hypervisor mode. Generic timers are not memory mapped peripherals, they are accessible only by specific Cortex-A7 coprocessor instructions (cp15). 3.36 System timer generation (STGEN) The system timing generation (STGEN) generates a time count value that provides a consistent view of time for all Cortex-A7 generic timers. The system timing generation has the following key features: • 64-bit wide to avoid roll-over issues. • Starts from zero or a programmable value. • A control APB interface (STGENC) enables the timer to be saved and restored across powerdown events. • Read-only APB interface (STGENR) enables the timer value to be read by non-secure software and debug tools. • The timer value incrementing can be stopped during system debug. STGENC can be defined (in ETZPC) as accessible by secure software only. 3.37 Real-time clock (RTC) The RTC provides an automatic wakeup to manage all low-power modes. The real-time clock (RTC) is an independent BCD timer/counter. The RTC provides a time- of-day clock/calendar with programmable alarm interrupts. The RTC includes also a periodic programmable wakeup flag with interrupt capability. Two 32-bit registers contain the seconds, minutes, hours (12- or 24-hour format), day (day of week), date (day of month), month, and year, expressed in binary coded decimal format (BCD). The sub-seconds value is also available in binary format. Compensations for 28-, 29- (leap year), 30-, and 31-day months are performed automatically. Daylight saving time compensation can also be performed. Additional 32-bit registers contain the programmable alarm subseconds, seconds, minutes, hours, day, and date. A digital calibration feature is available to compensate for any deviation in crystal oscillator accuracy. After backup domain reset, all RTC registers are protected against possible parasitic write accesses. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |