| Electronic Components Datasheet Search |
|
STM32L073CZI6DTR Datasheet(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L073CZI6DTR Datasheet(HTML) 2 Page - STMicroelectronics |
|
2 / 157 page ![]() STM32L073xx 2/157 DS10685 Rev 6 • 11x peripheral communication interfaces – 1x USB 2.0 crystal-less, battery charging detection and LPM – 4x USART (2 with ISO 7816, IrDA), 1x UART (low power) – Up to 6x SPI 16 Mbits/s – 3x I2C (2 with SMBus/PMBus) • 11x timers: 2x 16-bit with up to 4 channels, 2x 16-bit with up to 2 channels, 1x 16-bit ultra-low- power timer, 1x SysTick, 1x RTC, 2x 16-bit basic for DAC, and 2x watchdogs (independent/window) • CRC calculation unit, 96-bit unique ID • True RNG and firewall protection • All packages are ECOPACK2 Table 1. Device summary Reference Part number STM32L073x8 STM32L073V8 STM32L073xB STM32L073VB, STM32L073RB, STM32L073CB STM32L073xZ STM32L073VZ, STM32L073RZ, STM32L073CZ |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |