Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L031C4P7SDTR Datasheet(PDF) 17 Page - STMicroelectronics

Part # STM32L031C4P7SDTR
Description  Access line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L031C4P7SDTR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STM32L031C4P7SDTR Datasheet HTML 13Page - STMicroelectronics STM32L031C4P7SDTR Datasheet HTML 14Page - STMicroelectronics STM32L031C4P7SDTR Datasheet HTML 15Page - STMicroelectronics STM32L031C4P7SDTR Datasheet HTML 16Page - STMicroelectronics STM32L031C4P7SDTR Datasheet HTML 17Page - STMicroelectronics STM32L031C4P7SDTR Datasheet HTML 18Page - STMicroelectronics STM32L031C4P7SDTR Datasheet HTML 19Page - STMicroelectronics STM32L031C4P7SDTR Datasheet HTML 20Page - STMicroelectronics STM32L031C4P7SDTR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 126 page
background image
DS10668 Rev 6
17/126
STM32L031x4/6
Functional overview
33
Table 3. Functionalities depending on the operating power supply range
Operating power supply range(1)
1. GPIO speed depends on VDD voltage range. Refer to Table 55: I/O AC characteristics for more information
about I/O speed.
Functionalities depending on the operating power
supply range
ADC operation
Dynamic voltage scaling
range
VDD = 1.65 to 1.71 V
Conversion time up to
570 ksps
Range 2 or
range 3
VDD = 1.71 to 2.0 V(2)
2. CPU frequency changes from initial to final must respect the condition: fCPU initial <4fCPU initial. It must also
respect 5 μs delay between two changes. For example to switch from 4.2 MHz to 32 MHz, you can switch
from 4.2 MHz to 16 MHz, wait 5 μs, then switch from 16 MHz to 32 MHz.
Conversion time up to
1.14 Msps
Range 1, range 2 or range 3
VDD = 2.0 to 2.4 V
Conversion time up to 1.14
Msps
Range 1, range 2 or range 3
VDD = 2.4 to 3.6 V
Conversion time up to 1.14
Msps
Range 1, range 2 or range 3
Table 4. CPU frequency range depending on dynamic voltage scaling
CPU frequency range
Dynamic voltage scaling range
16 MHz to 32 MHz (1ws)
32 kHz to 16 MHz (0ws)
Range 1
8 MHz to 16 MHz (1ws)
32 kHz to 8 MHz (0ws)
Range 2
32 kHz to 4.2 MHz (0ws)
Range 3
Table 5. Functionalities depending on the working mode
(from Run/active down to standby) (1)
IPs
Run/Active
Sleep
Low-
power
run
Low-
power
sleep
Stop
Standby
Wakeup
capability
Wakeup
capability
CPU
Y
--
Y
--
--
--
Flash memory
O
O
O
O
--
--
RAM
Y
Y
Y
Y
Y
--
Backup registers
Y
Y
Y
Y
Y
Y
EEPROM
O
O
O
O
--
--
Brown-out reset
(BOR)
OO
O
O
O
O
O
O
DMA
O
O
O
O
--
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com