Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L073CZI3DTR Datasheet(PDF) 19 Page - STMicroelectronics

Part # STM32L073CZI3DTR
Description  Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, LCD, USB, ADC, DACs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L073CZI3DTR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STM32L073CZI3DTR Datasheet HTML 15Page - STMicroelectronics STM32L073CZI3DTR Datasheet HTML 16Page - STMicroelectronics STM32L073CZI3DTR Datasheet HTML 17Page - STMicroelectronics STM32L073CZI3DTR Datasheet HTML 18Page - STMicroelectronics STM32L073CZI3DTR Datasheet HTML 19Page - STMicroelectronics STM32L073CZI3DTR Datasheet HTML 20Page - STMicroelectronics STM32L073CZI3DTR Datasheet HTML 21Page - STMicroelectronics STM32L073CZI3DTR Datasheet HTML 22Page - STMicroelectronics STM32L073CZI3DTR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 157 page
background image
DS10685 Rev 6
19/157
STM32L073xx
Functional overview
39
Table 3. Functionalities depending on the operating power supply range
Operating power supply
range(1)
1. GPIO speed depends on VDD voltage range. Refer to Table 62: I/O AC characteristics for more information
about I/O speed.
Functionalities depending on the operating power supply
range
DAC and ADC
operation
Dynamic voltage
scaling range
USB
VDD = 1.65 to 1.71 V
ADC only, conversion
time up to 570 ksps
Range 2 or
range 3
Not functional
VDD = 1.71 to 1.8 V(2)
2. CPU frequency changes from initial to final must respect "fcpu initial <4*fcpu final". It must also respect 5
μs delay between two changes. For example to switch from 4.2 MHz to 32 MHz, you can switch from 4.2
MHz to 16 MHz, wait 5 μs, then switch from 16 MHz to 32 MHz.
ADC only, conversion
time up to 1.14 Msps
Range 1, range 2 or
range 3
Functional(3)
VDD = 1.8 to 2.0 V(2)
Conversion time up to
1.14 Msps
Range1, range 2 or
range 3
Functional(3)
VDD = 2.0 to 2.4 V
Conversion time up to
1.14 Msps
Range 1, range 2 or
range 3
Functional(3)
3. To be USB compliant from the I/O voltage standpoint, the minimum VDD_USB is 3.0 V.
VDD = 2.4 to 3.6 V
Conversion time up to
1.14 Msps
Range 1, range 2 or
range 3
Functional(3)
Table 4. CPU frequency range depending on dynamic voltage scaling
CPU frequency range
Dynamic voltage scaling range
16 MHz to 32 MHz (1ws)
32 kHz to 16 MHz (0ws)
Range 1
8 MHz to 16 MHz (1ws)
32 kHz to 8 MHz (0ws)
Range 2
32 kHz to 4.2 MHz (0ws)
Range 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com