Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L552VCI6PTR Datasheet(PDF) 298 Page - STMicroelectronics

Part # STM32L552VCI6PTR
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCI6PTR Datasheet(HTML) 298 Page - STMicroelectronics

Back Button STM32L552VCI6PTR Datasheet HTML 294Page - STMicroelectronics STM32L552VCI6PTR Datasheet HTML 295Page - STMicroelectronics STM32L552VCI6PTR Datasheet HTML 296Page - STMicroelectronics STM32L552VCI6PTR Datasheet HTML 297Page - STMicroelectronics STM32L552VCI6PTR Datasheet HTML 298Page - STMicroelectronics STM32L552VCI6PTR Datasheet HTML 299Page - STMicroelectronics STM32L552VCI6PTR Datasheet HTML 300Page - STMicroelectronics STM32L552VCI6PTR Datasheet HTML 301Page - STMicroelectronics STM32L552VCI6PTR Datasheet HTML 302Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 340 page
background image
Electrical characteristics
STM32L552xx
298/340
DS12737 Rev 6
5.3.31
OCTOSPI characteristics
Unless otherwise specified, the parameters given in Table 146, Table 147 and Table 148 for
OCTOSPI are derived from tests performed under the ambient temperature, fAHB frequency
and VDD supply voltage conditions summarized in Table 27: General operating conditions,
with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 11
•
For DTR(with DQS)/HyperBus the delay resister is set to DLYCFGR[3:0]=4
Refer to Section 5.3.15: I/O port characteristics for more details on the input/output alternate
function characteristics.
The following table summarizes the parameters measured in SDR mode.
Table 146. OCTOSPI(1) characteristics in SDR mode(2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
F(CLK)
OCTOSPI clock
frequency
1.71<VDD<3.6
Voltage ranges 0/1
20 pF
--
54
MHz
2.7<VDD<3.6
Voltage ranges 0/1
20pF
--
90
1.71<VDD<3.6
Voltage ranges 0/1
15pF
--
56
1.71<VDD<3.6
Voltage range 2
CL=20pF
--
26
tw(CKH)
OCTOSPI clock high
and low time
PRESCALER[7:0] =
n = 0,1,3,5
t(CK)/2 - 0.5
-
t(CK)/2
ns
tw(CKL)
t(CK)/2 -0.5
-
t(CK)/2
tw(CKH)
OCTOSPI clock high
and low time
Odd division
PRESCALER[7:0] =
n = 2,4,6,8
(n/2)×t(CK)/
(n+1)- 0.5
-
(n/2)×t(CK)
/(n+1)
tw(CKL)
(n/2+1)×t(CK)/
(n+1) -0.5
-
(n/2+1)×
t(CK)/(n+1)
ts(IN)
Data input setup time
Voltage ranges 0/1
1.5
-
-
Voltage range 2
2
-
-
th(IN)
Data input hold time
Voltage ranges 0/1
4
-
-
Voltage range 2
5.25
-
-
tv(OUT)
Data output valid time
Voltage ranges 0/1
-
0.5
2
Voltage range 2
-
0.5
1.5
th(OUT)
Data output hold time
Voltage ranges 0/1
-0.5
-
-
Voltage range 2
-0.75
-
-
1. Values in the table applies to octal and quad SPI mode.
2. Guaranteed by characterization results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com