Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L552VCI6PTR Datasheet(PDF) 300 Page - STMicroelectronics

Part # STM32L552VCI6PTR
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCI6PTR Datasheet(HTML) 300 Page - STMicroelectronics

Back Button STM32L552VCI6PTR Datasheet HTML 296Page - STMicroelectronics STM32L552VCI6PTR Datasheet HTML 297Page - STMicroelectronics STM32L552VCI6PTR Datasheet HTML 298Page - STMicroelectronics STM32L552VCI6PTR Datasheet HTML 299Page - STMicroelectronics STM32L552VCI6PTR Datasheet HTML 300Page - STMicroelectronics STM32L552VCI6PTR Datasheet HTML 301Page - STMicroelectronics STM32L552VCI6PTR Datasheet HTML 302Page - STMicroelectronics STM32L552VCI6PTR Datasheet HTML 303Page - STMicroelectronics STM32L552VCI6PTR Datasheet HTML 304Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 340 page
background image
Electrical characteristics
STM32L552xx
300/340
DS12737 Rev 6
The following table summarizes the parameters measured in DTR mode (with DQS) /
HyperBus.
Table 148. OCTOSPI characteristics in DTR mode (with DQS)(1)/Octal and HyperBus
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
F(CLK)
OCTOSPI
clock
frequency
1.71<VDD<3.6
Voltage ranges 0/1
20 pF
--
58(2)
MHz
2.7<VDD<3.6
Voltage ranges 0/1
20 pF
--
76(2)
1.71<VDD<3.6
Voltage range 2
20 pF
--
26(2)
tw(CKH)
OCTOSPI
clock high and
low time
Even division
-
t(CK)/2
-1
-
t(CK)/2
+0.5
ns
tw(CKL)
t(CK)/2
-0.5
-t(CK)/2+0.5
tw(CKH)
OCTOSPI
clock high and
low time
Odd division
-
(n/2)×t(CK)/(n+1)
-0.5
-
(n/2)×t(CK)/(n+1)
+0.5
tw(CKL)
(n/2+1)×t(CK)/
(n+1) - 0.5
-
(n/2+1)*×(CK)/
(n+1)+0.5
tv(CK)
Clock valid
time
--
-
t(CK) + 2
th(CK)
Clock hold
time
-
t(CK)/2
-0.5
--
VODr(CK)(3)
CK,CK#
crossing level
on CK rising
edge
VDD=1v8
832
-
1050
mV
VODf(CK)(3)
CK,CK#
crossing level
on CK falling
edge
VDD=1v8
840
-
1071



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com