| Electronic Components Datasheet Search |
|
UPD17P137ACT Datasheet(PDF) 33 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD17P137ACT Datasheet(HTML) 33 Page - NEC |
|
33 / 292 page ![]() CHAPTER 2 PIN FUNCTIONS 14 2.3 PROCESSING OF UNUSED PINS The unused pins should be handled as follows: Table 2-1. Processing of Unused Pins Pin Name Recommended Processing Internal External Port Input mode P0A, P0B Connect pull-up resistor by software Open P0C — Connect each pin to VDD or GND via resistorNote 1 P0D, P1A Pull-up resistor not connected by mask Directly connect to GND option Pull-up resistor connected by mask Open option P1B0Note2 Pull-up resistor not connected by mask Directly connect to GND option Output mode P0A, P0B, P0C — Open (CMOS port) P0D, P1A Outputs low level without pull-up (N-ch open- resistor connected by mask option drain ports) Outputs high level without pull-up resistor connected by mask option External interrupt (INT) Pull-up resistor not connected by mask Directly connect to VDD or GND option Pull-up resistor connected by mask Open option RESETNote3 Pull-up resistor not connected by mask Directly connect to VDD when only internal power-ON/power- option down reset function is used Pull-up resistor connected by mask option VADC — Directly connect to VDD Notes 1. When connecting an external pull-up resistor (to VDD via resistor) or pull-down resistor (to GND via resistor), make sure that the driving voltage and current consumption of the port are not exceeded. When connecting a pull-up or pull-down resistor with a high resistance to a port pin, make sure that noise is not superimposed on the pin. Generally, the resistance of the pull-up or pull-down resistor is about several k Ω, though it varies depending on the application circuit. 2. Because the P1B0 pin is multiplexed with a test mode setting function, do not connect a pull-up resistor to this pin using the mask option. Directly connect it to GND. 3. In an application circuit where high reliability is required, be sure to input the RESET signal from an external source. Because the RESET pin is multiplexed with a mode setting function, directly connect it to VDD if not use. Caution It is recommended that the I/O mode, pull-up of resistors by software, and output levels of pins be fixed by repeatedly setting in each loop of the program. Remark The µPD17P136A and 17P137A do not have a pull-up resistor as mask option. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |