Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L031C4P7DTR Datasheet(PDF) 44 Page - STMicroelectronics

Part # STM32L031C4P7DTR
Description  Access line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L031C4P7DTR Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STM32L031C4P7DTR Datasheet HTML 40Page - STMicroelectronics STM32L031C4P7DTR Datasheet HTML 41Page - STMicroelectronics STM32L031C4P7DTR Datasheet HTML 42Page - STMicroelectronics STM32L031C4P7DTR Datasheet HTML 43Page - STMicroelectronics STM32L031C4P7DTR Datasheet HTML 44Page - STMicroelectronics STM32L031C4P7DTR Datasheet HTML 45Page - STMicroelectronics STM32L031C4P7DTR Datasheet HTML 46Page - STMicroelectronics STM32L031C4P7DTR Datasheet HTML 47Page - STMicroelectronics STM32L031C4P7DTR Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 126 page
background image
Pin descriptions
STM32L031x4/6
44/126
DS10668 Rev 6
-
-
-
26 28 284141
PB5
I/O
FT
-
SPI1_MOSI,
LPTIM1_IN1,
I2C1_SMBA,
TIM22_CH2
COMP2_INP
-
A3
25
27 29 294242
PB6
I/O
FTf
-
USART2_TX,
I2C1_SCL,
LPTIM1_ETR,
TIM21_CH1
COMP2_INP
-
A4
26
28 30 304343
PB7
I/O
FTf
-
USART2_RX,
I2C1_SDA,
LPTIM1_IN2
COMP2_INP,
VREF_PVD_IN
1
A5
27
1
31 31
44
44
BOOT0
I
-
-
-
-
-
-
-
-
-
32
45
45
PB8
I/O
FTf
-
I2C1_SCL
-
-
-
-
-
-
-
46
46
PB9
I/O
FTf
-
EVENTOUT,
I2C1_SDA
-
-
-
28
-
32
-
47
47
VSS
S
-
-
-
-
-
-
1
-
1
1
48
48
VDD
S
-
-
-
-
1. VSS pins are connected to the exposed pad (see Figure 43: UFQFPN32 - 32-pin, 5x5 mm, 0.5 mm pitch ultra thin fine pitch
quad flat package outline).
Table 15. Pin definitions (continued)
Pin Number
Pin name
(function
after reset)
Pin
type
Alternate
functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com