Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WB5MMG Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM32WB5MMG
Description  Bluetooth® Low Energy 5.0 and 802.15.4 module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB5MMG Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM32WB5MMG Datasheet HTML 8Page - STMicroelectronics STM32WB5MMG Datasheet HTML 9Page - STMicroelectronics STM32WB5MMG Datasheet HTML 10Page - STMicroelectronics STM32WB5MMG Datasheet HTML 11Page - STMicroelectronics STM32WB5MMG Datasheet HTML 12Page - STMicroelectronics STM32WB5MMG Datasheet HTML 13Page - STMicroelectronics STM32WB5MMG Datasheet HTML 14Page - STMicroelectronics STM32WB5MMG Datasheet HTML 15Page - STMicroelectronics STM32WB5MMG Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
5.2.3
Ground plane
Here are some recommendations with respect to the ground plane design:
Do not route any tracks to the right of the STM32WB5MMG and keep a large ground plane with the
associated ground via.
Route the tracks down directly on the top layer or with via to the other layers.
The ground plane must include the presence of vias (distance between two vias = 2 mm).
Figure 6. STM32WB5MMG ground plane layout
Ground via
Ground plane
Tracks
5.2.4
Sensitive GPIOs
This board contains three sensitive GPIOs as defined below:
PB10
PB11
PC5
The GPIO locations are illustrated in Figure 7
It is recommendedl to add a 3.3 pF capacitor in a small package (0201 or smaller) as close as possible to PB10,
PB11 and PC5 outputs of the STM32WB5MMG and also to border the GPIO tracks with ground.
Figure 7. Sensitive GPIO location
Superposition of
four layers
Layer 1
Layer 4
Sensitive GPIO location on layer 1
Sensitive GPIO location on layer 4
5.2.5
Four layer reference board design
The reference schematics are illustrated in Figure 8 and the associated PCB layout is illustrated in Figure 9
By using the first external pad ring, the mother board on which the module is soldered may be designed with only
two layers. Using all the pads, the mother board must be designed with 4 layers.
STM32WB5MMG
Layout recommendations
DS13252 - Rev 1
page 12/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com