Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WL55CCU6TR Datasheet(PDF) 22 Page - STMicroelectronics

Part # STM32WL55CCU6TR
Description  Multiprotocol LPWAN dual core 32-bit Arm® Cortex®-M4/M0 LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL55CCU6TR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STM32WL55CCU6TR Datasheet HTML 18Page - STMicroelectronics STM32WL55CCU6TR Datasheet HTML 19Page - STMicroelectronics STM32WL55CCU6TR Datasheet HTML 20Page - STMicroelectronics STM32WL55CCU6TR Datasheet HTML 21Page - STMicroelectronics STM32WL55CCU6TR Datasheet HTML 22Page - STMicroelectronics STM32WL55CCU6TR Datasheet HTML 23Page - STMicroelectronics STM32WL55CCU6TR Datasheet HTML 24Page - STMicroelectronics STM32WL55CCU6TR Datasheet HTML 25Page - STMicroelectronics STM32WL55CCU6TR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 145 page
background image
Functional overview
STM32WL55/54xx
22/145
DS13293 Rev 1
uses the 32 MHz HSE32 reference. The sub-GHz radio covers all continuous frequencies in
the range between 150 to 960 MHz.
3.9.6
Intermediate frequencies
The sub-GHz radio receiver operates mostly in low-IF configuration, except for specific high-
bandwidth settings.
Table 5. FSK mode intermediate frequencies
Setting name
Bandwidth (kHz)
fif (kHz)
RX_BW_467
467.0
250
RX_BW_234
234.3
RX_BW_117
117.3
RX_BW_58
58.6
RX_BW_29
29.3
RX_BW_14
14.6
RX_BW_7
7.3
RX_BW_373
373.6
200
RX_BW_187
187.2
RX_BW_93
93.8
RX_BW_46
46.9
RX_BW_23
23.4
RX_BW_11
11.7
RX_BW_5
5.8
RX_BW_312
312.0
167
RX_BW_156
156.2
RX_BW_78
78.2
RX_BW_39
39.0
RX_BW_19
19.5
RX_BW_9
9.7
RX_BW_4
4.8
Table 6. LoRa mode intermediate frequencies
Setting name
Bandwidth (kHz)
fif (kHz)
LORA_BW_500
500
0
LORA_BW_250
250
250
LORA_BW_125
125
LORA_BW_62
62.5
LORA_BW_41
41.67
167



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com