Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L552VCT6PXXX Datasheet(PDF) 38 Page - STMicroelectronics

Part # STM32L552VCT6PXXX
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCT6PXXX Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STM32L552VCT6PXXX Datasheet HTML 34Page - STMicroelectronics STM32L552VCT6PXXX Datasheet HTML 35Page - STMicroelectronics STM32L552VCT6PXXX Datasheet HTML 36Page - STMicroelectronics STM32L552VCT6PXXX Datasheet HTML 37Page - STMicroelectronics STM32L552VCT6PXXX Datasheet HTML 38Page - STMicroelectronics STM32L552VCT6PXXX Datasheet HTML 39Page - STMicroelectronics STM32L552VCT6PXXX Datasheet HTML 40Page - STMicroelectronics STM32L552VCT6PXXX Datasheet HTML 41Page - STMicroelectronics STM32L552VCT6PXXX Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 340 page
background image
Functional overview
STM32L552xx
38/340
DS12737 Rev 6
The ultra-low-power STM32L552xx devices support dynamic voltage scaling to optimize its
power consumption in Run mode. The voltage from the main regulator that supplies the
logic (VCORE) can be adjusted according to the system’s maximum operating frequency.
The main regulator operates in the following ranges:
•
Range 0 with the CPU running at up to 110 MHz.
•
Range 1 with the CPU running at up to 80 MHz.
•
Range 2 with a maximum CPU frequency of 26 MHz. All peripheral clocks are also
limited to 26 MHz.
The VCORE can be supplied by the low-power regulator, the main regulator being switched
off. The system is then in Low-power run mode.
•
Low-power run mode with the CPU running at up to 2 MHz. Peripherals with
independent clock can be clocked by the HSI16.
3.9.4
SMPS step down converter
The built-in SMPS step down converter is a highly power-efficient DC/DC non-linear
switching regulator that improves low-power performance when the VDD voltage is high
enough. This SMPS step down converter automatically enters in bypass mode when the
VDD voltage falls below 2 V in Range 0 and Range 1.
Note:
There is no automatic SMPS bypass in Range 2.
The SMPS step down converter can be configured in:
•
High-power mode (HPM): achieving a high efficiency at high current load. It is the
default selected mode after POR reset.
•
Low power mode achieving very high efficiency at low load
•
Bypass mode
The SMPS step down converter can be switched in bypass mode at any time by the
application software.
Note:
The SMPS step down converter is available only on specific package.
SMPS step down converter power supply scheme
The SMPS step down converter requires an external coil with typical value of 4.7 μH to be
connected between the VLXSMPS and the V15SMPS pins and a 4.7μF capacitor to be
connected between the V15SMPS to VSSSMPS pins. It can be switched OFF by selecting
the Bypass mode by software. Thus, only main regulator is used by the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com