| Electronic Components Datasheet Search |
|
SC-TP8J Datasheet(PDF) 2 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
SC-TP8J Datasheet(HTML) 2 Page - Panasonic Semiconductor |
|
2 / 10 page ![]() Communication Unit for CC-Link SC-GU2-C 1000 Upper Communication Unit MIL Connector Plug-in SC-GU3 SC-GU2-C SC-GU1-485 FIBER SENSORS LASER SENSORS PHOTOELECTRIC SENSORS MICRO PHOTOELECTRIC SENSORS AREA SENSORS LIGHT CURTAINS / SAFETY COMPONENTS PRESSURE / FLOW SENSORS INDUCTIVE PROXIMITY SENSORS PARTICULAR USE SENSORS SENSOR OPTIONS SIMPLE WIRE-SAVING UNITS WIRE-SAVING SYSTEMS MEASUREMENT SENSORS STATIC ELECTRICITY PREVENTION DEVICES LASER MARKERS PLC HUMAN MACHINE INTERFACES ENERGY CONSUMPTION VISUALIZATION COMPONENTS FA COMPONENTS MACHINE VISION SYSTEMS UV CURING SYSTEMS Remote monitoring of equipment Traceability By keeping track of the sensor configurations at equipment start-up, any failure that may occur after equipment delivery can be eliminated in early stages. It is hard to identify as to what went wrong. Great numbers of man-hours are taken to check on the setting of each sensor one by one. When a failure occurs Sensor CC-Link master CC-Link slave Difficult to identity the failure Configuration file Touch panel Easy to identify the failure by checking Threshold value 1ch Incidentlightintensity 90 65 2ch 50 0 3ch 40 70 4ch 40 0 5ch 0 0 6ch 0 0 7ch 0 0 8ch 0 0 Threshold value 9ch Incidentlightintensity 0 0 10ch 0 0 11ch 0 0 12ch 0 0 13ch 0 0 14ch 0 0 15ch 0 0 16ch 0 0 End unit SC-GU2-EU Digital sensor Max. 16 units Communication unit for CC-Link SC-GU2-C When a failure occurs It is easy to identify as to what went wrong. By having the information of each sensor saved as “Configuration file”, traceability is improved, and incorrect input or setting loss can be prevented. It is possible to check the sensor configurations through open network when a failure occurs in the equipment or production line, so that the on-site man-hours taken can be kept to the minimum. Confirm on sensor condition via telephone or e-mail. Current situation Adopting communication Monitoring can be done via existing system or PC. Actions can be taken correctly and swiftly with accurate situations on hand. It takes time to confirm the configuration condition. Worst comes worst, a trip down to the actual worksite is needed. Check even from far away!! Network Worksite Inquiry desk * Maximum of 12 units including the FX-500 series can communicate optically. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |