Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L552VCT3PXXX Datasheet(PDF) 26 Page - STMicroelectronics

Part # STM32L552VCT3PXXX
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCT3PXXX Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STM32L552VCT3PXXX Datasheet HTML 22Page - STMicroelectronics STM32L552VCT3PXXX Datasheet HTML 23Page - STMicroelectronics STM32L552VCT3PXXX Datasheet HTML 24Page - STMicroelectronics STM32L552VCT3PXXX Datasheet HTML 25Page - STMicroelectronics STM32L552VCT3PXXX Datasheet HTML 26Page - STMicroelectronics STM32L552VCT3PXXX Datasheet HTML 27Page - STMicroelectronics STM32L552VCT3PXXX Datasheet HTML 28Page - STMicroelectronics STM32L552VCT3PXXX Datasheet HTML 29Page - STMicroelectronics STM32L552VCT3PXXX Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 340 page
background image
Functional overview
STM32L552xx
26/340
DS12737 Rev 6
3.7
Global TrustZone controller (GTZC)
The GTZC includes three different sub-blocks:
•
TZSC: TrustZone® security controller
This sub-block defines the secure/privilege state of slave/master peripherals. It also
controls the non-secure area size for the watermark memory peripheral controller
(MPCWM). The TZSC block informs some peripherals (such as RCC or GPIOs) about
the secure status of each securable peripheral, by sharing with RCC and I/O logic.
1.
MPCBB: block-based memory protection controller
This sub-block controls secure states of all blocks (256-byte pages) of the associated
SRAM.
2.
TZIC: TrustZone illegal access controller
This sub-block gathers all illegal access events in the system and generates a secure
interrupt towards NVIC.
These sub-blocks are used to configure TrustZone and privileged attributes within the full
system.
The GTZC main features are:
•
3 independent 32-bit AHB interface for TZSC, MPCBB and TZIC
•
MPCBB and TZIC accessible only with secure transactions
•
Secure and non-secure access supported for priv/non-priv part of TZSC
•
Register set to define security settings:
–
Secure blocks for internal SRAM
–
Non-secure regions for external memories
–
Secure/privilege access mode for securable and TZ-aware peripherals
•
Secure/privilege access mode for securable legacy masters.
0.5
Boot address only in:
– RSS
– or secure Flash: 0x0C00 0000 -
0x0C07 FFFF
Otherwise boot address forced to RSS
N/A
1
Any boot address
2
If boot is configured for NSBOOTADD0 and
NSBOOTADD0 in the range 0x0800 0000 -
0x0807 FFFF: boot at the address stored in
NSBOOTADD0
If boot is configured for NSBOOTADD1 and
NSBOOTADD1 in the range 0x0800 0000 -
0x0807 FFFF: boot at the address stored in
NSBOOTADD1
Otherwise boot address is forced at
0x0800 0000
Table 5. Boot space versus RDP protection (continued)
RDP
TZEN = 1
TZEN = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com