Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L552VCI3PXXX Datasheet(PDF) 172 Page - STMicroelectronics

Part # STM32L552VCI3PXXX
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCI3PXXX Datasheet(HTML) 172 Page - STMicroelectronics

Back Button STM32L552VCI3PXXX Datasheet HTML 168Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 169Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 170Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 171Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 172Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 173Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 174Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 175Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 176Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 340 page
background image
Table 52. Typical current consumption in Run mode with SMPS,
with different codes running from Flash, ICACHE ON (1-way)
Symbol
Parameter
Conditions
TYP
Single
Bank
Mode
TYP
Dual
Bank
Mode
Unit
TYP
Single
Bank
Mode
TYP
Dual
Bank
Mode
Unit
-
Voltage
scaling
Code
25°C
25°C
25°C
25°C
IDD
(Run)
Supply current in Run
mode
fHCLK=fHSE up to
48 MHZ included,
bypass mode PLL ON
above 48 MHz all
peripherals disabled
Range2,
SMPS LP
fHCLK=26
MHz
Reduced code
1.82
1.80
mA
70
69
µA/MHz
Coremark
1.91
1.89
73
73
Dhrystone2.1
2.03
2.00
78
77
Fibonacci
1.74
1.72
67
66
While
1.63
1.61
63
62
Range 1,
SMPS HP
fHCLK=80
MHz
Reduced code
6.8
6.8
mA
85
84
µA/MHz
Coremark
7.1
7.1
89
88
Dhrystone2.1
7.6
7.6
95
94
Fibonacci
6.4
6.4
80
80
While
6.0
6.0
75
75
Range 0,
SMPS HP
fHCLK=
110 MHz
Reduced code
10.8
10.5
mA
98
96
µA/MHz
Coremark
11.5
11.4
105
104
Dhrystone2.1
12.4
12.2
112
111
Fibonacci
10.0
10.0
91
91
While
9.2
9.1
83
83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com