Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L552VCI3PXXX Datasheet(PDF) 27 Page - STMicroelectronics

Part # STM32L552VCI3PXXX
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCI3PXXX Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STM32L552VCI3PXXX Datasheet HTML 23Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 24Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 25Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 26Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 27Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 28Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 29Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 30Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 340 page
background image
DS12737 Rev 6
27/340
STM32L552xx
Functional overview
78
3.8
TrustZone security architecture
The security architecture is based on Arm® TrustZone® with the Armv8-M Main Extension.
The TrustZone security is activated by the TZEN option bit in the FLASH_OPTR register.
When the TrustZone is enabled, the SAU (security attribution unit) and IDAU
(implementation defined attribution unit) defines the access permissions based on secure
and non-secure state.
•
SAU: Up to 8 SAU configurable regions are available for security attribution.
•
IDAU: It provides a first memory partition as non-secure or non-secure callable
attributes. It is then combined with the results from the SAU security attribution and the
higher security state is selected.
Based on IDAU security attribution, the Flash, system SRAMs and peripherals memory
space is aliased twice for secure and non-secure state. However, the external memories
space is not aliased.
Table 6 shows an example of typical SAU regions configuration based on IDAU regions.
The user can split and choose the secure, non-secure or NSC regions for external
memories as needed.
Table 6. Example of memory map security attribution vs SAU configuration regions(1) (2)
Region
description
Address range
IDAU security
attribution
SAU security
attribution typical
configuration
Final security
attribution
Code - external
memories
0x0000_0000
0x07FF_FFFF
Non-secure
Secure or non-
secure or NSC
Secure or non-
secure or NSC
Code - Flash and
SRAM
0x0800_0000
0x0BFF_FFFF
Non-secure
Non-secure
Non-secure
0x0C00_0000
0x0FFF_FFFF
NSC
Secure or NSC
Secure or NSC
Code - external
memories
0x1000_0000
0x17FF_FFFF
Non-secure
Non-secure
0x1800_0000
0x1FFF_FFFF
SRAM
0x2000_0000
0x2FFF_FFFF
Non-secure
0x3000_0000
0x3FFF_FFFF
NSC
Secure or NSC
Secure or NSC
Peripherals
0x4000_0000
0x4FFF_FFFF
Non-secure
Non-secure
Non-secure
0x5000_0000
0x5FFF_FFFF
NSC
Secure or NSC
Secure or NSC
External memories
0x6000_0000
0xDFFF_FFFF
Non-secure
Secure or non-
secure or NSC
Secure or non-
secure or NSC
1. NSC = non-secure callable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com