Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L552VCI3PXXX Datasheet(PDF) 177 Page - STMicroelectronics

Part # STM32L552VCI3PXXX
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCI3PXXX Datasheet(HTML) 177 Page - STMicroelectronics

Back Button STM32L552VCI3PXXX Datasheet HTML 173Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 174Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 175Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 176Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 177Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 178Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 179Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 180Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 181Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 340 page
background image
Table 57. Typical current consumption in Run and Low-power run modes,
with different codes running from SRAM2
Symbol
Parameter
Conditions
TYP
Unit
TYP
Unit
-
Voltage scaling
Code
25°C
25°C
IDD (Run)
Supply current in Run
mode
fHCLK=fHSE up to 48 MHZ
included, bypass mode PLL
ON above 48 MHz all
peripherals disabled
Range2
fHCLK=26MHz
Reduced code
3.20
mA
123
µA/MHz
Coremark
3.33
128
Dhrystone2.1
3.20
123
Fibonacci
3.34
129
While
3.66
141
Range 1
fHCLK=80 MHz
Reduced code
11.4
mA
143
µA/MHz
Coremark
11.92
149
Dhrystone2.1
11.4
142
Fibonacci
12.0
149
While
13.24
165
Range 0
fHCLK= 110 MHz
Reduced code
16.7
mA
152
µA/MHz
Coremark
17.44
159
Dhrystone2.1
16.6
151
Fibonacci
17.5
159
While
19.5
177
IDD
(LPRun)
Supply current in Low-
power run
fHCLK = fMSI = 2MHz all peripherals disabled
Reduced code
386
µA
193
µA/MHz
Coremark
414
207
Dhrystone2.1
373
187
Fibonacci
393
196
While
436
218



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com