Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L552VCI3PXXX Datasheet(PDF) 191 Page - STMicroelectronics

Part # STM32L552VCI3PXXX
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCI3PXXX Datasheet(HTML) 191 Page - STMicroelectronics

Back Button STM32L552VCI3PXXX Datasheet HTML 187Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 188Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 189Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 190Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 191Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 192Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 193Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 194Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 195Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 340 page
background image
Table 71. Current consumption in Run mode, code with data processing running from Flash,
ICACHE on (2-way) and power supplied by external SMPS
Symbol
Parameter
Conditions(1)
TYP
single
bank
mode
TYP
single
bank
mode
Unit
TYP
single
bank
mode
TYP
single
bank
mode
Unit
-
VDD12
fHCLK
code
25°C
25°C
25°C
25°C
IDD(Run)
Supply
current in
Run mode
fHCLK = fHSE up to
48MHz included, bypass
mode PLL ON above 48
MHz all peripherals
disabled
VDD12=1.00V
fHCLK=26MHz
Reduced code
1.2
1.2
mA
46.15
46.15
µA/MHz
Coremark
1.29
1.29
49.62
49.62
Dhrystone2.1
1.37
1.37
52.69
52.69
Fibonacci
1.15
1.14
44.23
43.85
While(1)
1.04
1.04
40
40
VDD12=1.10V
fHCLK=26MHz
Reduced code
1.45
1.45
mA
55.77
55.77
µA/MHz
Coremark
1.56
1.56
60
60
Dhrystone2.1
1.66
1.65
63.85
63.46
Fibonacci
1.39
1.38
53.46
53.08
While(1)
1.26
1.26
48.46
48.46
fHCLK=80MHz
Reduced code
4.1
4.09
mA
51.25
51.13
µA/MHz
Coremark
4.4
4.4
55
55
Dhrystone2.1
4.7
4.68
58.75
58.5
Fibonacci
3.88
3.88
48.5
48.5
While(1)
3.55
3.55
44.38
44.38
VDD12=1.20V fHCLK=110MHz
Reduced code
6.69
6.69
mA
60.82
60.82
µA/MHz
Coremark
7.2
7.2
65.45
65.45
Dhrystone2.1
7.66
7.62
69.64
69.27
Fibonacci
6.32
6.32
57.45
57.45
While(1)
5.8
5.8
52.73
52.73
1.
All values are obtained by calculation based on measurements done with internal voltage regulator and using following parameters: SMPS input = 3.3 V, SMPS efficiency =
85%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com