Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L552VCI3PXXX Datasheet(PDF) 203 Page - STMicroelectronics

Part # STM32L552VCI3PXXX
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCI3PXXX Datasheet(HTML) 203 Page - STMicroelectronics

Back Button STM32L552VCI3PXXX Datasheet HTML 199Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 200Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 201Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 202Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 203Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 204Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 205Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 206Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 207Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 340 page
background image
Table 80. Current consumption in Shutdown mode
Symbol
Parameter
Conditions
TYP
MAX
Unit
-
VDD
25°C
55°C
85°C
105°C
125°C
25°C
55°C
85°C
105°C
125°C
IDD
(Shutdown)
Supply
current in
Shutdown
mode
(backup
registers
retained)
RTC disabled
-
1.8 V
17.0
198
1533
5195
15336
99
590
3169
9252
26038
nA
2.4 V
18.0
269
1803
6166
17522
115
679
3610
10477
29468
3 V
44.0
361
2314
7212
21381
141
800
4108
11860
32843
3.6 V
127.0
587
3159
9534
26115
196
990
4877
13734
37480
IDD
(Shutdown
with RTC)
Supply
current in
Shutdown
mode
(backup
registers
retained)
RTC enabled
RTC clocked
by LSE
bypassed at
32768 Hz
with
LPCAL = 0
1.8 V
307
525
1905
5592
15801
-
-
-
-
-
2.4 V
485
746
2363
6676
18041
-
-
-
-
-
3 V
689
1015
2905
7919
22214
-
-
-
-
-
3.6 V
974
1435
4082
10392
26856
-
-
-
-
-
RTC clocked
by LSE
bypassed at
32768 Hz
with
LPCAL = 1
1.8 V
116
325
1711
5423
15551
-
-
-
-
-
2.4 V
221
491
2100
6395
17909
-
-
-
-
-
3 V
339
656
2636
7450
21753
-
-
-
-
-
3.6 V
535
996
3645
9998
26420
-
-
-
-
-
RTC clocked
by LSE
quartz in low
drive mode
with
LPCAL = 0
1.8 V
405
-
-
-
-
-
-
-
-
-
2.4 V
486
-
-
-
-
-
-
-
-
-
3 V
604
-
-
-
-
-
--
--
3.6 V
768
-
-
-
-
-
-
-
-
-
RTC clocked
by LSE
quartz in low
drive mode
with
LPCAL = 1
1.8 V
207
-
-
-
-
-
-
-
-
-
2.4 V
232
-
-
-
-
-
-
-
-
-
3 V
272
-
-
-
-
-
--
--
3.6 V
345
-
-
-
-
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com