Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L552VCI3PXXX Datasheet(PDF) 209 Page - STMicroelectronics

Part # STM32L552VCI3PXXX
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCI3PXXX Datasheet(HTML) 209 Page - STMicroelectronics

Back Button STM32L552VCI3PXXX Datasheet HTML 205Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 206Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 207Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 208Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 209Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 210Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 211Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 212Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 213Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 340 page
background image
DS12737 Rev 6
209/340
STM32L552xx
Electrical characteristics
307
APB1
(Cont)
UART5 independent clock domain
5.59
5.19
3.90
4.79
µA/MHz
I2C1 APB clock domain
1.42
1.34
1.00
1.22
I2C1 independent clock domain
3.47
3.22
2.46
3.12
I2C2 APB clock domain
1.32
1.24
0.93
1.10
I2C2 independent clock domain
3.33
3.11
2.37
3.06
I2C3 APB clock domain
1.14
1.05
0.81
0.90
I2C3 independent clock domain
2.75
2.58
1.97
2.61
CRS
0.35
0.30
0.22
0.50
PWR
1.541.441.03
1.22
DAC1
2.89
2.69
2.03
2.43
OPAMP
0.34
0.36
0.23
1.00
LPTIM1 APB clock domain
1.10
1.01
0.78
0.87
LPTIM1 independent clock domain
3.37
3.18
2.39
3.07
LPUART1 APB clock domain
1.66
1.54
1.19
1.61
LPUART1 independent clock domain
3.43
3.24
2.44
2.99
I2C4 APB clock domain
1.40
1.28
0.97
1.24
I2C4 independent clock domain
3.31
3.11
2.34
2.90
LPTIM2 APB clock domain
1.36
1.26
0.96
1.15
LPTIM2 independent clock domain
3.80
3.58
2.66
3.35
LPTIM3 APB clock domain
1.02
0.93
0.74
0.94
LPTIM3 independent clock domain
3.16
2.98
2.21
2.80
FDCAN APB clock domain
7.99
7.41
5.56
6.70
FDCAN independent clock domain
0.16
0.22
3.20
4.05
USBFS APB clock domain
3.51
3.25
NA
NA
USBFS independent clock domain
4.53
6.08
NA
NA
UCPD1
2.672.461.84
NA(1)
APB2
AHB to APB2 bridge
6.64
6.16
4.68
8.43
µA/MHz
SYSCFG
0.75
0.71
0.54
0.67
TIM1
9.40
8.74
6.57
8.33
SPI1
2.692.511.90
2.43
TIM8
8.94
8.34
6.29
8.06
USART1 APB clock domain
3.16
2.92
2.23
3.09
Table 82. Peripheral current consumption (continued)
Peripheral
Range 0
Range 1
Range 2
Low-power
run and
sleep
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com