Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WB35CCU6TR Datasheet(PDF) 117 Page - STMicroelectronics

Part # STM32WB35CCU6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB35CCU6TR Datasheet(HTML) 117 Page - STMicroelectronics

Back Button STM32WB35CCU6TR Datasheet HTML 113Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 114Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 115Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 116Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 117Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 118Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 119Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 120Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 193 page
background image
DS11929 Rev 10
117/193
STM32WB55xx STM32WB35xx
Electrical characteristics
169
6.3.9
Wakeup time from Low-power modes and voltage scaling
transition times
The wakeup times given in Table 51 are the latency between the event and the execution of
the first user instruction.
The device goes in Low-power mode after the WFE (Wait For Event) instruction.
Table 51. Low-power mode wakeup timings(1)
Symbol
Parameter
Conditions
Typ
Max
Unit
tWUSLEEP
Wakeup time from
Sleep mode
to Run mode
-9
10
No. of
CPU
cycles
tWULPSLEEP
Wakeup time from
Low-power sleep mode
to Low-power run mode
Wakeup in Flash with memory in power-down
during low-power sleep mode (FPDS = 1 in
PWR_CR1) and with clock MSI = 2 MHz
910
tWUSTOP0
Wake up time from
Stop 0 mode
to Run mode in Flash
memory
Range 1
Wakeup clock MSI = 32 MHz
2.38
2.96
µs
Wakeup clock HSI16 = 16 MHz
1.69
2.00
Range 2
Wakeup clock HSI16 = 16 MHz
1.70
2.01
Wakeup clock MSI = 4 MHz
7.43
8.59
Wake up time from
Stop 0 mode
to Run mode in SRAM1
Range 1
Wakeup clock MSI = 32 MHz
2.63
3.00
Wakeup clock HSI16 = 16 MHz
1.80
2.00
Range 2
Wakeup clock HSI16 = 16 MHz
1.82
2.02
Wakeup clock MSI = 4 MHz
7.58
8.70
tWUSTOP1
Wake up time from
Stop 1 mode
to Run in Flash memory
SMPS bypassed
Range 1
Wakeup clock MSI = 32 MHz
4.67
5.56
Wakeup clock HSI16 = 16 MHz
5.09
6.03
Range 2
Wakeup clock HSI16 = 16 MHz
5.08
6.00
Wakeup clock MSI = 4 MHz
8.36
9.28
Wake up time from
Stop 1 mode
to Run in SRAM1
SMPS bypassed
Range 1
Wakeup clock MSI = 32 MHz
4.88
5.55
Wakeup clock HSI16 = 16 MHz
5.29
5.95
Range 2
Wakeup clock HSI16 = 16 MHz
5.28
5.96
Wakeup clock MSI = 4 MHz
8.49
9.30
Wake up time from
Stop 1 mode to
Low-power run mode
in Flash memory
Regulator in
Low-power
mode (LPR = 1
in PWR_CR1)
Wakeup clock MSI = 4 MHz
7.96
9.59
Wake up time from
Stop 1 mode to
Low-power run mode
in SRAM1
8.00
9.47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com