Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WB35CCU6TR Datasheet(PDF) 25 Page - STMicroelectronics

Part # STM32WB35CCU6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB35CCU6TR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STM32WB35CCU6TR Datasheet HTML 21Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 22Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 23Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 24Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 25Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 26Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 27Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 28Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 193 page
background image
DS11929 Rev 10
25/193
STM32WB55xx STM32WB35xx
Functional overview
57
3.6.3
802.15.4 general description
The STM32WB55xx and STM32WB35xx embed a dedicated 802.15.4 hardware MAC:
Support for 802.15.4 release 2011
Advanced MAC frame filtering; hardwired firewall: Programmable filters based on
source/destination addresses, frame version, security enabled, frame type
256-byte RX FIFO; Up to 8 frames capacity, additional frame information (timing, mean
RSSI, LQI)
128-byte TX FIFO with retention
–
Content not lost, retransmissions possible under CPU2 control
Automatic frame acknowledgment, with programmable delay
Advanced channel access features
–
Full CSMA-CA support
–
Superframe timer
–
Beaconing support (require LSE)
–
Flexible TX control with programmable delay
Configuration registers with retention available down to Standby mode for
software/auto-restore
Autonomous sniffer, Wakeup based on timer or CPU2 request
Automatic frame transmission/reception/sleep periods, Interrupt to the CPU2 on
particular events
3.6.4
RF pin description
The RF block contains dedicated pins, listed in Table 4.
:
3.6.5
Typical RF application schematic
The schematic in Figure 4 and the external components listed in Table 4 are purely
indicative. For more details refer to the “Reference design” provided in separate documents.
Table 4. RF pin list
Name
Type
Description
RF1
I/O
RF Input/output, must be connected to the antenna through a low-pass matching network
OSC_OUT
32 MHz main oscillator, also used as HSE source
OSC_IN
RF_TX_
MOD_EXT_PA
External PA transmit control
VDDRF
VDD Dedicated supply, must be connected to VDD
VSSRF(1)
VSS To be connected to GND
1. On packages with exposed pad, this pad must be connected to GND plane for correct RF operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com