Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WB35CCU6TR Datasheet(PDF) 134 Page - STMicroelectronics

Part # STM32WB35CCU6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB35CCU6TR Datasheet(HTML) 134 Page - STMicroelectronics

Back Button STM32WB35CCU6TR Datasheet HTML 130Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 131Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 132Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 133Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 134Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 135Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 136Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 137Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 193 page
background image
Electrical characteristics
STM32WB55xx STM32WB35xx
134/193
DS11929 Rev 10
6.3.17
I/O port characteristics
General input/output characteristics
Unless otherwise specified, the parameters given in Table 72 are derived from tests
performed under the conditions summarized in Table 24: General operating conditions. All
I/Os are designed as CMOS- and TTL-compliant.
Table 72. I/O static characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
I/O input
low level voltage(1)
1.62 V < VDD < 3.6 V
-
-
0.3 x VDD
V
I/O input
low level voltage(2)
0.39 x VDD - 0.06
VIH
I/O input
high level voltage(1)
0.7 x VDD
--
I/O input
high level voltage(2)
0.49 x VDD + 0.26
-
-
Vhys
TT_xx, FT_xxx
and NRST I/O
input hysteresis
-200
-
mV
Ilkg
FT_xx
input leakage current
0 ≤ VIN ≤ Max(VDDXXX)(3)
-
-
±100
nA
Max(VDDXXX) ≤ VIN ≤
Max(VDDXXX) +1 V(2)(3)(4)
-
-
650
Max(VDDXXX) +1 V < VIN ≤
5.5 V(2)(3)(4)(5)(6)
--
200(7)
FT_lu, FT_u and
PC3 IO
input leakage current
0 ≤ VIN ≤ Max(VDDXXX)(3)
-
-
±150
Max(VDDXXX) ≤ VIN ≤
Max(VDDXXX) +1 V(2)(3)
-
-
2500
Max(VDDXXX) +1 V < VIN ≤
5.5 V(1)(3)(4)(8)
-
-
250
TT_xx
input leakage current
VIN ≤ Max(VDDXXX)(3)
-
-
±150
Max(VDDXXX) ≤ VIN <
3.6 V(3)
-
-
2000
RPU
Weak pull-up
equivalent resistor(1)
VIN = VSS
25
40
55
kΩ
RPD
Weak pull-down
equivalent resistor(1)
VIN = VDD
25
40
55
CIO
I/O pin capacitance
-
-
5
-
pF
1. Tested in production.
2. Guaranteed by design, not tested in production.
3. Represents the pad leakage of the I/O itself. The total product pad leakage is given by
ITotal_Ileak_max = 10 μA + number of I/Os where VIN is applied on the pad x Ilkg(Max).
4. Max(VDDXXX) is the maximum value among all the I/O supplies.
5. VIN must be lower than [Max(VDDXXX) + 3.6 V].
6. Refer to Figure 27: I/O input characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com