Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WB35CCU6TR Datasheet(PDF) 143 Page - STMicroelectronics

Part # STM32WB35CCU6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB35CCU6TR Datasheet(HTML) 143 Page - STMicroelectronics

Back Button STM32WB35CCU6TR Datasheet HTML 139Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 140Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 141Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 142Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 143Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 144Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 145Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 146Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 193 page
background image
DS11929 Rev 10
143/193
STM32WB55xx STM32WB35xx
Electrical characteristics
169
6
0
15
2.5
26
2.5
0.05
17
2.5
28
2.5
0.1
19
2.5
31
2.5
0.2
23
2.5
35
2.5
0.5
36
6.5
48
6.5
1
56
6.5
69
6.5
5
221
24.5
242
24.5
10
427
47.5
458
47.5
20
839
92.5
890
92.5
50
2074
247.5
2184
247.5
100
4133
640.5
4342
640.5
1. Guaranteed by design.
2. VDD = 1.62 V, Cpcb = 4.7 pF, 125 °C, booster enabled.
Table 78. ADC sampling time(1)(2) (continued)
Resolution
(bits)
RAIN
(kΩ)
Fast channel
Slow channel
Minimum sampling
time (ns)
Sampling
cycles
Minimum sampling
time (ns)
Sampling
cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com