Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WB35CCU6TR Datasheet(PDF) 151 Page - STMicroelectronics

Part # STM32WB35CCU6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB35CCU6TR Datasheet(HTML) 151 Page - STMicroelectronics

Back Button STM32WB35CCU6TR Datasheet HTML 147Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 148Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 149Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 150Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 151Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 152Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 153Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 154Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 155Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 193 page
background image
DS11929 Rev 10
151/193
STM32WB55xx STM32WB35xx
Electrical characteristics
169
Figure 29. ADC accuracy characteristics
THD
Total
harmonic
distortion
Single
ended
Fast channel (max speed)
-
-71
-69
dB
Slow channel (max speed)
-
-71
-69
Differential
Fast channel (max speed)
-
-73
-72
Slow channel (max speed)
-
-73
-72
1. Guaranteed by design.
2. ADC DC accuracy values are measured after internal calibration.
3. ADC accuracy vs. negative Injection Current: Injecting negative current on any analog input pins should be avoided as this
significantly reduces the accuracy of the conversion being performed on another analog input. It is recommended to add a
Schottky diode (pin to ground) to analog pins that may potentially inject negative current.
4. The I/O analog switch voltage booster is enabled when VDDA < 2.4 V (BOOSTEN = 1 in the SYSCFG_CFGR1 when
VDDA < 2.4 V). It is disabled when VDDA ≥ 2.4 V. No oversampling.
Table 82. ADC accuracy - Limited test conditions 4(1)(2)(3) (continued)
Symbol
Parameter
Conditions(4)
Min
Typ
Max Unit
ET = Total unadjusted error: maximum deviation
between actual and ideal transfer curves
EO = Offset error: maximum deviation between the
first actual transition and the first ideal one
(1) Example of an actual transfer curve
(2) Ideal transfer curve
(3) End point correlation line
4095
4094
4093
7
6
5
4
3
2
1
2
345
6
1
7
4093 4094 4095 4096
1 LSB ideal
(1)
(3)
(2)
MS54001V1
VREF+/4096
EG = Gain error: deviation between the last ideal
transition and the last actual one
ED = Differential linearity error: maximum
deviation between actual steps and the ideal ones
EL = Integral linearity error: maximum deviation
between any actual transition and the end point
correlation line
ED
EO
ET
EL
EG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com