Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WB35CCU6TR Datasheet(PDF) 169 Page - STMicroelectronics

Part # STM32WB35CCU6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB35CCU6TR Datasheet(HTML) 169 Page - STMicroelectronics

Back Button STM32WB35CCU6TR Datasheet HTML 165Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 166Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 167Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 168Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 169Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 170Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 171Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 172Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 173Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 193 page
background image
DS11929 Rev 10
169/193
STM32WB55xx STM32WB35xx
Electrical characteristics
169
Refer to Section 6.3.17 for more details on the input/output alternate function characteristics
(CK, SD, WS).
Table 99. SWD characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
1/tc(SWCLK) SWCLK clock frequency
2.7 < VDD < 3.6 V
-
-
55
MHz
1.65 < VDD < 3.6 V
-
-
35
tisu(TMS)
SWDIO input setup time
-
2.5
-
-
ns
tih(TMS)
SWDIO input hold time
-
2
-
-
tov(TDO)
SWDIO output valid time
2.7 < VDD < 3.6 V
-
16
18
1.65 < VDD < 3.6 V
-
16
28
toh(TDO)
SWDIO output hold time
-
13
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com