Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WB35CCU6TR Datasheet(PDF) 183 Page - STMicroelectronics

Part # STM32WB35CCU6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB35CCU6TR Datasheet(HTML) 183 Page - STMicroelectronics

Back Button STM32WB35CCU6TR Datasheet HTML 179Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 180Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 181Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 182Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 183Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 184Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 185Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 186Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 187Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 193 page
background image
DS11929 Rev 10
183/193
STM32WB55xx STM32WB35xx
Package information
185
7.5
Thermal characteristics
The maximum chip junction temperature (TJmax) must never exceed the values given in
Table 24: General operating conditions.
The maximum chip-junction temperature, TJ max, in degrees Celsius, can be calculated
using the equation:
TJ max = TA max + (PD max x ΘJA)
where:
TA max is the maximum ambient temperature in °C,
ΘJA is the package junction-to-ambient thermal resistance, in °C / W,
PD max is the sum of PINT max and PI/O max (PD max = PINT max + PI/O max),
PINT max is the product of IDD and VDD, expressed in Watt. This is the maximum chip
internal power.
PI/O max represents the maximum power dissipation on output pins:
PI/O max = Σ (VOL × IOL) + Σ ((VDD – VOH) × IOH)
taking into account the actual VOL / IOL and VOH / IOH of the I/Os at low and high level in the
application.
Note:
When the SMPS is used, a portion of the power consumption is dissipated into the external
inductor, therefore reducing the chip power dissipation. This portion depends mainly on the
inductor ESR characteristics.
Note:
As the radiated RF power is quite low (< 4 mW), it is not necessary to remove it from the
chip power consumption.
Note:
RF characteristics (such as sensitivity, Tx power, consumption) are provided up to 85 °C.
Table 106. Package thermal characteristics
Symbol
Parameter
Value
Unit
ΘJA
Thermal resistance junction-ambient
UFQFPN48 - 7 mm x 7 mm
24.9
°C/W
Thermal resistance junction-ambient
VFQFPN68 - 8 mm x 8 mm
47.0
Thermal resistance junction-ambient
WLCSP100 - 0.4 mm pitch
35.8
Thermal resistance junction-ambient
UFBGA129 - 0.5 mm pitch
41.5
ΘJB
Thermal resistance junction-board
UFQFPN48 - 7 mm x 7 mm
13.0
°C/W
Thermal resistance junction-board
VFQFPN68 - 8 mm x 8 mm
36.1
Thermal resistance junction-board
WLCSP100 - 0.4 mm pitch
N/A
Thermal resistance junction-board
UFBGA129 - 0.5 mm pitch
16.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com