Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WB35CCU6TR Datasheet(PDF) 191 Page - STMicroelectronics

Part # STM32WB35CCU6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB35CCU6TR Datasheet(HTML) 191 Page - STMicroelectronics

Back Button STM32WB35CCU6TR Datasheet HTML 185Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 186Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 187Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 188Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 189Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 190Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 191Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 192Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 193Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 191 / 193 page
background image
DS11929 Rev 10
191/193
STM32WB55xx STM32WB35xx
Revision history
192
19-Feb-2020
6
Updated Features, Section 2: Description, I/O system current
consumption, Section 3.17: Touch sensing controller (TSC), Section 7.1:
UFBGA129 package information, Section 7.2: WLCSP100 package
information, Section 7.3: VFQFPN68 package information, Section 7.4:
UFQFPN48 package information, Section 7.5: Thermal characteristics
and Section 8: Ordering information.
Added JTAG/SWD interface characteristics, Device marking for
UFBGA129, Device marking for WLCSP100 and Device marking for
VFQFPN68.
Updated Table 2: STM32WB55xx devices features and peripheral
counts, Table 7: Features over all modes, Table 16: STM32WB55xx pin
and ball definitions, Table 17: Alternate functions, Table 18: Voltage
characteristics, Table 22: General operating conditions, Table 26: RF
receiver BLE characteristics (1 Mbps), Table 27: RF receiver BLE
characteristics (2 Mbps), Table 30: RF receiver 802.15.4 characteristics,
Table 47: Current under Reset condition, Table 61: LSI2 oscillator
characteristics and Table 104: Package thermal characteristics.
Added footnote 5 to Table 15: Legend/abbreviations used in the pinout
table.
Updated Figure 2: STM32WB55xx RF front-end block diagram, Figure 6:
Power supply overview, Figure 7: Clock tree, Figure 11: STM32WB55Vx
UFBGA129 ballout(1), Figure 14: Power supply scheme (all packages
except UFBGA129), Figure 36: UFBGA129 package outline and
Figure 47: UFQFPN48 marking example (package top view).
10-Apr-2020
7
Updated Section 3.6.5: Typical RF application schematic and
Section 6.3.10: External clock source characteristics.
Updated Table 16: STM32WB55xx pin and ball definitions and Table 54:
HSE crystal requirements.
Updated Figure 11: STM32WB55Vx UFBGA129 ballout(1) and Figure 14:
Power supply scheme (all packages except UFBGA129).
Minor text edits across the whole document.
17-Jun-2020
8
Introduced STM32WB55VY.
Updated Section 3.3.4: Embedded SRAM, Section 3.4: Security and
safety, Section 3.14: Analog to digital converter (ADC), Section 6.3.10:
External clock source characteristics and Section 8: Ordering
information.
Updated Table 1: Device summary, Table 2: STM32WB55xx and
STM32WB35xx devices features and peripheral counts, Table 26: RF
transmitter BLE characteristics (1 Mbps), Table 27: RF transmitter BLE
characteristics (2 Mbps), Table 65: Flash memory characteristics and
Table 77: ADC characteristics.
Updated Figure 10: STM32WB55Cx and STM32WB35Cx UFQFPN48
pinout(1)(2), Figure 11: STM32WB55Rx VFQFPN68 pinout(1)(2) and
Figure 17: Power supply scheme (UFBGA129 and WLCSP100
packages).
Updated footnote 5 of Table 15: Legend/abbreviations used in the pinout
table and footnote 8 of Table 16: STM32WB55xx pin and ball definitions.
Added footnote 3 to Table 16, footnote 2 to Figure 16, footnote 1 to
Table 86 and footnotes to tables 23, 30 and 33.
Added Table 55: HSE clock source requirements.
Table 107. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com