Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPMIC1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPMIC1
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1 Datasheet(HTML) 1 Page - STMicroelectronics

  STPMIC1 Datasheet HTML 1Page - STMicroelectronics STPMIC1 Datasheet HTML 2Page - STMicroelectronics STPMIC1 Datasheet HTML 3Page - STMicroelectronics STPMIC1 Datasheet HTML 4Page - STMicroelectronics STPMIC1 Datasheet HTML 5Page - STMicroelectronics STPMIC1 Datasheet HTML 6Page - STMicroelectronics STPMIC1 Datasheet HTML 7Page - STMicroelectronics STPMIC1 Datasheet HTML 8Page - STMicroelectronics STPMIC1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 140 page
background image
Features
Input voltage range from 2.8 V to 5.5 V
4 adjustable general purpose LDOs
1 LDO for DDR3 termination (sink-source), bypass mode for low power DDR or
as general purpose LDO
1 LDO for USB PHY supply with automatic power source detection
1 reference voltage LDO for DDR memory
4 adjustable adaptive constant on-time (COT) buck SMPS converters
5.2 V / 1.1 A boost SMPS with bypass mode for 5 V input or battery input
1 power switch 500 mA USB OTG compliant
1 power switch 500 mA/1000 mA general purpose
User programmable non-volatile memory (NVM), enabling scalability to support
a wide range of applications
I²C and digital IO control interface
WFQFN 44L (5x6x0.8)
Applications
Power management for embedded micro processor units
Wearable and IoT
Portable devices
Man-machine interfaces
Smart home
Power management unit companion chip of the STM32MP1 MPU
Description
The STPMIC1 is a fully integrated power management IC designed for products
based on high integrated application processor designs requiring low power and high
efficiency.
The device integrates advanced low power features controlled by a host processor
via I²C and IO interface.
The STPMIC1 regulators are designed to supply power to the application processor
as well as to the external system peripherals such as: DDR, Flash memories and
other system devices.
The boost converter can power up to 3 USB ports (two 500 mA host USB and one
100 mA USB OTG). Its advanced bypass architecture allows the smooth regulation
of VBUS for USB ports from a battery as well as low-cost consumer 5 V AC-DC
adapters.
4 buck SMPS are optimized to provide an excellent transient response and an output
voltage precision for a wide range of operating conditions, high full range efficiency (η
up to 90%) by implementing a low power mode with a smooth transition from PFM to
PWM and also an advanced PWM synchronization technique with an integrated PLL
for a better noise (EMI performance).
Product status link
STPMIC1
Device summary
Order code
STPMIC1APQR
STPMIC1BPQR
STPMIC1CPQR
STPMIC1DPQR
STPMIC1EPQR
Packing
WFQFN 44L
(5x6x0.8)
Highly integrated power management IC for micro processor units
STPMIC1
Datasheet
DS12792 - Rev 7 - December 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPMIC1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPMIC1 STMICROELECTRONICS-STPMIC1 Datasheet
296Kb / 6P
Evaluation board for high integration STPMIC1x power management IC for microprocessor units
November 2019
More results

Similar Description - STPMIC1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PR31100 PHILIPS-PR31100 Datasheet
282Kb / 26P
Highly integrated embedded processor
1996 Aug 07
logo
Infineon Technologies A...
PMB6821 INFINEON-PMB6821 Datasheet
250Kb / 2P
SM-Power3 - Highly Integrated Power Management Units for Feature Rich Mobile Devices
logo
List of Unclassifed Man...
DA6011-02HDA1 ETC2-DA6011-02HDA1 Datasheet
305Kb / 2P
DA6011 Highly integrated power and clock supply IC for new generation Intel Atom processor
logo
Intersil Corporation
ISL95852 INTERSIL-ISL95852 Datasheet
109Kb / 2P
Integrated Power Management IC For IMVP8™ Platforms
September 10, 2015
ISL95906 INTERSIL-ISL95906 Datasheet
126Kb / 2P
Integrated Power Management IC for VR12.6??Platform
December 24, 2014
logo
Dialog Semiconductor
DA6001 DIALOG-DA6001 Datasheet
836Kb / 3P
Highly integrated power and Clock supply IC for new
DA6021 DIALOG-DA6021 Datasheet
361Kb / 2P
DA6021 Highly integrated power management IC for new
logo
Renesas Technology Corp
ISL95852 RENESAS-ISL95852 Datasheet
189Kb / 2P
Integrated Power Management IC for IMVP8??Platforms
ISL95906 RENESAS-ISL95906 Datasheet
193Kb / 2P
Integrated Power Management IC for VR12.6??Platforms
DA6021 RENESAS-DA6021 Datasheet
4Mb / 225P
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
31-Jan-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com