Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPMIC1BPQR Datasheet(PDF) 32 Page - STMicroelectronics

Part # STPMIC1BPQR
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1BPQR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STPMIC1BPQR Datasheet HTML 28Page - STMicroelectronics STPMIC1BPQR Datasheet HTML 29Page - STMicroelectronics STPMIC1BPQR Datasheet HTML 30Page - STMicroelectronics STPMIC1BPQR Datasheet HTML 31Page - STMicroelectronics STPMIC1BPQR Datasheet HTML 32Page - STMicroelectronics STPMIC1BPQR Datasheet HTML 33Page - STMicroelectronics STPMIC1BPQR Datasheet HTML 34Page - STMicroelectronics STPMIC1BPQR Datasheet HTML 35Page - STMicroelectronics STPMIC1BPQR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 140 page
background image
4.3
DDR memory sub-system examples
BUCK2, LDO3 and REFDDR regulators can be used in several possible configurations, to supply various types of
DDR memories.
4.3.1
Powering lpDDR2/lpDDR3 memory
Figure 39. Powering lpDDR2/lpDDR3 memory (LDO3 in bypass mode)
The example in Figure 39. Powering lpDDR2/lpDDR3 memory (LDO3 in bypass mode) shows how to use LDO3
in bypass mode to power supply lpDDR2/3 VDD1 (1.8 V) power domain. LDO3IN is supplied by 1.8 V power
source that is usually from BUCK3 output when BUCK3 is set at 1.8 V to power supply the application processor
VIO power domain. This topology reaches better power efficiency than next example in Figure 40. Powering
lpDDR2/lpDDR3 memory (LDO3 normal mode supplied from VIN).
Figure 40. Powering lpDDR2/lpDDR3 memory (LDO3 normal mode supplied from VIN)
The example in Figure 40. Powering lpDDR2/lpDDR3 memory (LDO3 normal mode supplied from VIN) shows
how to use LDO3 in normal mode to power supply lpDDR2/3 VDD1 (1.8V) power domain. LDO3IN is supplied by
a power source having higher voltage than LDO3OUT (VIN in this example). This topology is suitable for those
applications which do not have 1.8 V power source available from a buck converter.
STPMIC1
DDR memory sub-system examples
DS12792 - Rev 7
page 32/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com