Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WLE5C8U6TR Datasheet(PDF) 33 Page - STMicroelectronics

Part # STM32WLE5C8U6TR
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE5C8U6TR Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STM32WLE5C8U6TR Datasheet HTML 29Page - STMicroelectronics STM32WLE5C8U6TR Datasheet HTML 30Page - STMicroelectronics STM32WLE5C8U6TR Datasheet HTML 31Page - STMicroelectronics STM32WLE5C8U6TR Datasheet HTML 32Page - STMicroelectronics STM32WLE5C8U6TR Datasheet HTML 33Page - STMicroelectronics STM32WLE5C8U6TR Datasheet HTML 34Page - STMicroelectronics STM32WLE5C8U6TR Datasheet HTML 35Page - STMicroelectronics STM32WLE5C8U6TR Datasheet HTML 36Page - STMicroelectronics STM32WLE5C8U6TR Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 145 page
background image
DS13105 Rev 8
33/145
STM32WLE5/E4xx
Functional overview
48
Relation between MCU and sub-GHz radio operating modes
The CPU and sub-GHz radio have their own operating modes (see the table below).
3.10.1
Reset mode
In order to improve the consumption under reset, the I/Os state under and after reset is
"analog state" (the I/O Schmitt trigger is disabled). In addition, the internal reset pull-up is
deactivated when the reset source is internal.
This excludes the five serial-wire JTAG debug ports that are in pull-up/pull-down after reset.
3.11
Peripheral interconnect matrix
Several peripherals have direct connections between them. This allows autonomous
communication between peripherals, saving CPU resources and, consequently, reducing
power-supply consumption. In addition, these hardware connections allow fast and
predictable latency.
Depending on peripherals, these interconnections can operate in Run, Sleep, LPRun,
LPSleep, Stop 0, Stop 1 and Stop 2 modes.
Table 9. MCU and sub-GHz radio operating modes
CPU operating mode
Sub-GHz radio operating mode
Description
Run, Sleep
Sleep, Calibration, Standby, Active
(FS, TX, RX)(1)
LDO or SMPS regulator active, MCU running in
main regulator (MR) mode
LPRun, LPSleep
Deep-Sleep
LDO and SMPS regulator off, MCU running in low
power regulator (LPR) mode
Sleep, Calibration, Standby, Active
(FS, TX, RX)
LDO or SMPS regulator active, MCU running in low
power regulator (LPR) mode
Stop 0
Sleep, Calibration, Standby, Active
(FS, TX, RX)(1)
LDO or SMPS regulator active, MCU running in
main regulator (MR) mode
Stop 1 and Stop 2
Deep-Sleep
LDO and SMPS regulator off, MCU using low power
regulator (LPR) mode
Sleep, Calibration, Standby, Active
(FS, TX, RX)
LDO or SMPS regulator active, MCU using low
power regulator (LPR) mode
Standby
Deep-Sleep
LDO and SMPS regulator off, MCU regulator off or
on in low power (LPR) mode(2).
Sleep, Calibration, Standby, Active
(FS, TX, RX)
LDO or SMPS regulator active, MCU regulator off or
on in low power (LPR) mode(2)
Shutdown
Deep-Sleep(3)
LDO and SMPS regulator off, MCU regulator off
1. In the MCU Run, Sleep and Stop 0 modes, the sub-GHz radio is prevented from entering Deep-sleep mode.
2. When retaining SRAM2 in Standby mode, the MCU uses the low-power regulator (LPR) mode.
3. When the CPU is in Shutdown mode, the sub-GHz radio cannot be activated and is forced in Deep-sleep mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com