| Electronic Components Datasheet Search |
|
STM32WLE4JCY6XXX Datasheet(PDF) 95 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WLE4JCY6XXX Datasheet(HTML) 95 Page - STMicroelectronics |
|
95 / 145 page ![]() DS13105 Rev 8 95/145 STM32WLE5/E4xx Electrical characteristics 133 5.3.9 External clock source characteristics High-speed external user clock generated from an external source The high-speed external (HSE32) clock can be supplied with a 32 MHz crystal oscillator or by a TCXO (temperature controlled crystal oscillator). Crystal oscillator The devices include internal programmable capacitances that can be used to tune the crystal frequency in order to compensate the PCB parasitic one. Characteristics in the tables below, are measured over recommended operating conditions, unless otherwise specified. Typical values are referred to TA = 25 °C and VDD = 3 V. Table 55. Regulator modes transition times(1) Symbol Parameter Conditions Typ Max Unit tWULPRUN Transition time from LPRun to Run mode(2) Code run with MSI = 2 MHz 19.6 - µs tVOST Regulator transition time from Range 2 to Range 1(3) Code run with HSI16 21.9 32.2 Regulator transition time from Range 1 to Range 2(3) 23.1 33.9 1. Guaranteed by characterization results (VDD = 3 V, T = 25 °C). 2. Time until REGLPF flag is cleared in PWR_SR2. 3. Time until VOSF flag is cleared in PWR_SR2. Table 56. HSE32 crystal requirements(1) Symbol Parameter Conditions Min Typ Max Unit fnom Oscillator frequency - - 32 - MHz fTOL Frequency accuracy Initial - - ±10 ppm Over temperature (-20 to 70 °C) - - ±10 Aging over 10 years - - ±10 CLoad Load capacitance(2) -9.5 10 10.5 pF CShunt Crystal shunt capacitance - 0.3 0.6 2 Cmotion Crystal motional capacitance - 1.3 1.89 2.5 fF ESR Crystal equivalent series resistance - - 30 60 Ω PD Drive level - - - 100 µW 1. 32 MHz XTAL is specified for two specific references: NX2016SA and NX1612SA. 2. Load capacitance can be managed by internal programmable capacitances at calibration phase. No need to add external foot capacitances. The values indicated take into account the combination of the two foot capacitances. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |