| Electronic Components Datasheet Search |
|
AM50DL128CH85IT Datasheet(PDF) 21 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM50DL128CH85IT Datasheet(HTML) 21 Page - Advanced Micro Devices |
|
21 / 64 page ![]() October 6, 2003 Am50DL128CH 19 ADV ANCE I N FO RMAT I O N If the system asserts V IH on the WP#/ACC pin, the de- vice reverts to whether sectors 0, 1, 140, and 141 were last set to be protected or unprotected. That is, sector protection or unprotection for these sectors de- pends on whether they were last protected or unpro- tected using the method described in “Sector/Sector Block Protection and Unprotection”. Note that the WP#/ACC pin must not be left floating or unconnected; inconsistent behavior of the device may result. Table 6. WP#/ACC Modes Temporary Sector Unprotect (Note: For the following discussion, the term “sector” applies to both sectors and sector blocks. A sector block consists of two or more adjacent sectors that are protected or unprotected at the same time (see Table 5). This feature allows temporary unprotection of previ- ously protected sectors to change data in-system. The Sector Unprotect mode is activated by setting the RE- SET# pin to V ID. During this mode, formerly protected sectors can be programmed or erased by selecting the sector addresses. Once V ID is removed from the RE- SET# pin, all the previously protected sectors are protected again. Figure 1 shows the algorithm, and Figure 24 shows the timing diagrams, for this feature. If the WP#/ACC pin is at V IL, sectors 0, 1, 140, and 141 will remain protected during the Temporary sector Unprotect mode. Figure 1. Temporary Sector Unprotect Operation WP# Input Voltage Device Mode V IL Disables programming and erasing in SA0, SA1, SA140, and SA141 V IH Enables programming and erasing in SA0, SA1, SA140, and SA141 V HH Enables accelerated programming (ACC). See “Accelerated Program Operation” on page 12. START Perform Erase or Program Operations RESET# = V IH Temporary Sector Unprotect Completed (Note 2) RESET# = V ID (Note 1) Notes: 1. All protected sectors unprotected (If WP#/ACC = V IL, sectors 0, 1, 140, and 141 will remain protected). 2. All previously protected sectors are protected once again. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |