Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LB2S Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LB2S
Description  Reverse Voltage 200 and 1000V Forward Current 0.8A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LB2S Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LB2S Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LB2S Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LB2S thru LB10S
Features
◆
Low Profile: Typical height of 1.4mm
◆
Ideal for automated placement
◆
High surge current capability
◆
Solder Dip 26040seconds
℃,
Mechanical Data
◆
Case:SOPA-4
Epoxy meets UL-94V-0 Flammability rating
◆
Terminals:Matte tin plated ldads, solderable per
J-STD-002B and JESD22-B102D
◆
Polarity:As markde on body
Maximum Ratings & Electrical Characteristics Ratings at 25℃
ambient temperature unless otherwise specified.
Parameter
Symbol
LB2S
LB4S
LB6S
LB8S
LB10S
Unit
Maximum repetitive peak reverse voltage
VRRM
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
140
280
420
560
800
V
Maximum DC blocking voltage
VDC
200
400
600
800
1000
V
Maximum Average forward output rectified current
on glass-eposy P.C.B
on aluminum substrate
Peak forward surge current 8.3 ms single sine-wave
superimposed on rated load (JEDEC Method)
Rating for fusig (t<8.3ms)
I
2t
A
2sec
Maximum instantaneous forward voltage drop
per diode at 0.4A
Maximum DC reverse current at
TA=25 ℃
rated DC blocking voltage per leg
TA=125℃
RθJA
RθJL
Operating junction temperature range
TJ
℃
Storage temperature range
TSTG
℃
Notes:
1. Device mounted P.C.B with 0.47x0.47''(12mmx12mm) Copper Pads.
2. JEDEC registered values
A
V
IF(AV)
IR
IFSM
0.8
℃
/W
25
-55 to +150
-55 to +150
µA
Typical thermal resistance per leg (Note 1)
VF
A
30
3
0.95
5
500
80
◆
Low Profile Miniature Glass Passivated Single-Phase
Surface Mount Bridge Rectifier
Reverse Voltage 200 and 1000V Forward Current 0.8A
-
MDI Unit:inch(mm)
1
www.leiditech.com
Tel: +86- 021 50828806
Fax: +86- 021 50477059-8008
Email: sale1@leiditech.com
SHANGHAI LEIDITECH ELECTRONICS CO.,LTD
上海雷卯电子科技有限公司


Similar Part No. - LB2S

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LB2S GOOD-ARK-LB2S Datasheet
90Kb / 2P
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
LB2S PFS-LB2S Datasheet
241Kb / 2P
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
Microdiode Semiconducto...
LB2S CHENDA-LB2S Datasheet
764Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
SUNMATE electronic Co.,...
LB2S SUNMATE-LB2S Datasheet
394Kb / 2P
SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Microdiode Semiconducto...
LB2S CHENDA-LB2S Datasheet
813Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
More results

Similar Description - LB2S

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
ERB4402 DACHANG-ERB4402 Datasheet
122Kb / 2P
Plastic fast Recover Rectifier Reverse Voltage 200 to 1000V Forward Current 1.0A
EU1Z DACHANG-EU1Z Datasheet
120Kb / 2P
Plastic Fast Recover Rectifier Reverse Voltage 200 to 1000V Forward Current 0.25A
logo
Leshan Radio Company
1H8 LRC-1H8_15 Datasheet
257Kb / 7P
Reverse Voltage 50 to 1000V Forward Current 1.0A
UF4007 LRC-UF4007_15 Datasheet
289Kb / 7P
Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
GOOD-ARK Electronics
LBXSB GOOD-ARK-LBXSB_15 Datasheet
207Kb / 3P
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier Reverse Voltage 200 and 1000V Forward Current 0.8A
LBXSA GOOD-ARK-LBXSA_15 Datasheet
172Kb / 3P
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier Reverse Voltage 200 and 1000V Forward Current 0.8A
LBXS GOOD-ARK-LBXS_15 Datasheet
207Kb / 3P
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier Reverse Voltage 200 and 1000V Forward Current 0.8A
logo
First Silicon Co., Ltd
GR3A FS-GR3A Datasheet
485Kb / 2P
Reverse Voltage 50~1000V , Forward Current 3 Ampere
GBP302 FS-GBP302 Datasheet
463Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier Reverse Voltage 200 and 1000V Forward Current 3.0A
logo
AiT Semiconductor Inc.
MB1F AITSEMI-MB1F Datasheet
552Kb / 5P
BRIDGE RECTIFIER REVERSE VOLTAGE 100V TO 1000V RECTIFIED CURRENT 0.8A
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com