Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLM339LVPWR Datasheet(PDF) 13 Page - Texas Instruments

Part # PLM339LVPWR
Description  LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PLM339LVPWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button PLM339LVPWR Datasheet HTML 9Page - Texas Instruments PLM339LVPWR Datasheet HTML 10Page - Texas Instruments PLM339LVPWR Datasheet HTML 11Page - Texas Instruments PLM339LVPWR Datasheet HTML 12Page - Texas Instruments PLM339LVPWR Datasheet HTML 13Page - Texas Instruments PLM339LVPWR Datasheet HTML 14Page - Texas Instruments PLM339LVPWR Datasheet HTML 15Page - Texas Instruments PLM339LVPWR Datasheet HTML 16Page - Texas Instruments PLM339LVPWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
6.10 Typical Characteristics (continued)
TA = 25°C, VS = 5 V, RPULLUP = 2.5k, CL = 15 pF, VCM = GND, VUNDERDRIVE = 100 mV, VOVERDRIVE = 100 mV unless
otherwise noted.
Input Overdrive (mV)
5 6 7 8 10
20
30 4050 70 100
200 300 500
1000
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
VS = 1.8V
-40°C
25°C
85°C
125°C
Figure 6-13. Propagation Delay, High to Low, 1.8V
Input Overdrive (mV)
5 6 7 8 10
20
30 4050 70 100
200 300 500
1000
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
VS = 1.8V
-40°C
25°C
85°C
125°C
Figure 6-14. Propagation Delay, Low to High, 1.8V
Input Overdrive (mV)
5 6 7 8 10
20
30 4050 70 100
200 300 500
1000
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
VS = 3.3V
125°C
85°C
25°C
-40°C
Figure 6-15. Propagation Delay, High to Low, 3.3V
Input Overdrive (mV)
5 6 7 8 10
20
30 4050 70 100
200 300 500
1000
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
VS = 3.3V
-40°C
25°C
85°C
125°C
Figure 6-16. Propagation Delay, Low to High, 3.3V
Input Overdrive (mV)
5 6 7 8 10
20
30 4050 70 100
200 300 500
1000
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
VS = 5V
-40°C
25°C
85°C
125°C
Figure 6-17. Propagation Delay, High to Low, 5V
Input Overdrive (mV)
5 6 7 8 10
20
30 4050 70 100
200 300 500
1000
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
VS = 5V
-40°C
25°C
85°C
125°C
Figure 6-18. Propagation Delay, Low to High, 5V
www.ti.com
LM393LV, LM339LV
SNOSDA4B – JUNE 2020 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LM393LV LM339LV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com