Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

263X Datasheet(PDF) 1 Page - 3M Electronics

Part # 263X
Description  3M??Lapping Film Aluminum Oxide 254X
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

263X Datasheet(HTML) 1 Page - 3M Electronics

  263X Datasheet HTML 1Page - 3M Electronics 263X Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3M™ Lapping Film Aluminum Oxide 254X, 261X, 262X,
263X, 265X, 266X, 268X, 264M
Product Description
Tightly graded aluminum oxide minerals slurry coated
onto a polyester film backing. Available with or without
PSA (Pressure Sensitive Adhesive).
3
Technical Data
June, 2007
Product I.D.
Product ID
Product ID
Backing
Resin Type
(plain back)
(with PSA backing)
254X
N/A
2 mil
standard
261X
268X
3 mil
stanard
262X
265X
3 mil
stanard
263X
266X
3 mil
hard (Type P)
264M
N/A
3 mil
standard
*not all products are available in all grades.
Mineral Size Grading Chart
Micron Grade
Color
(nominal)
0.05
White
0.3
White
0.5
White
1
Green
2
Teal
3
Pink
5
Brown
9
Blue
12
Yellow
30
Green
40
Blue
60
White
Applications
Fiber optic connector polishing, flat lapping, superfinishing,
media head finishing, hard disk drive lube buff.
Key Features
– Produces excellent surface finish
– Reduces overall process time
– Produces high yields
– Non-slurry processing
Converted Forms
Sheets, Discs and Rolls.
Maximum width 26".
Backing
Polyester Film
Nominal thickness: 2 and 3 mil.
Storage and Shelf Life
Recommended Storage Conditions:
Temperature: 50-90°F
Relative humidity: 30-70%
(There is no degradation with time. It is recommended that
product be used within 24 months of purchase.)


Similar Part No. - 263X

ManufacturerPart #DatasheetDescription
logo
Littelfuse
263 LITTELFUSE-263 Datasheet
63Kb / 1P
Axial Lead and Cartridge Fuses - Subminiature
logo
Keystone Electronics Co...
263 KEYSTONE-263 Datasheet
397Kb / 1P
9 VOLT BATTERY CONTACTS
31-07 20th
logo
Walther-Werke
263 WALTHER-263 Datasheet
437Kb / 4P
Channel installation sockets IP 44
logo
Wiha Tools
263 WIHA-263 Datasheet
239Kb / 1P
Wiha Hex Precision Series
263 07 WIHA-263 07 Datasheet
239Kb / 1P
Wiha Hex Precision Series
More results

Similar Description - 263X

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
MOF WILLOW-MOF Datasheet
87Kb / 2P
METAL OXIDE FILM RESISTORS
logo
Panasonic Semiconductor
ERG-1SJ683A PANASONIC-ERG-1SJ683A Datasheet
169Kb / 7P
Metal Oxide Film Resistors
ERG-2SJ100A PANASONIC-ERG-2SJ100A Datasheet
169Kb / 7P
Metal Oxide Film Resistors
ERGX12S PANASONIC-ERGX12S Datasheet
172Kb / 7P
Metal Oxide Film Resistors
ERG-12SJ103 PANASONIC-ERG-12SJ103 Datasheet
172Kb / 7P
Metal (Oxide) Film Resistors
logo
UNIOHM CORPORATION
MO-25 UNIOHM-MO-25 Datasheet
5Mb / 3P
Metal Oxide Film Resistors
logo
Panasonic Semiconductor
ERX-2SJR56A PANASONIC-ERX-2SJR56A Datasheet
172Kb / 7P
Metal (Oxide) Film Resistors
logo
3M Electronics
600X 3M-600X Datasheet
67Kb / 2P
3M™ Diamond Lapping Film 600X Series
Nov-2007
562X 3M-562X Datasheet
69Kb / 2P
3M™ Lapping Films 562X and 566X
July 2014
865X 3M-865X Datasheet
989Kb / 4P
3M™ Lapping Film 865X For Final Polishing of Fiber Optic Connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com