Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC9456 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MPC9456
Description  2.5V AND 3.3V LVCMOS CLOCK FANOUT BUFFER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC9456 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MPC9456 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC9456 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC9456 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC9456 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC9456 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC9456 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC9456 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC9456 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC9456 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MPC9456
MOTOROLA
TIMING SOLUTIONS
6
Table 10: AC Characteristics (VCC = 3.3V ± 5%, VCCA = VCCB = VCCC = 2.5V ± 5% or 3.3V ± 5%,
TA = –40 to +85°C)a b
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
tsk(O)
Output-to-output Skew
Within one bank
Any output bank, same output divider
Any output, Any output divider
150
250
350
ps
ps
ps
tsk(PP)
Device-to-device Skew
2.5
ns
tPLH,HL
Propagation delay
PCLK to any Q
See 3.3V table
tSK(P)
DCQ
Output pulse skewc
Output Duty Cycle
÷1 or ÷2 output
45
50
250
55
ps
%
DCREF = 50%
a.
AC characteristics apply for parallel output termination of 50
Ω to VTT.
b.
For all other AC specifications, refer to 2.5V or 3.3V tables according to the supply voltage of the output bank.
c.
Output pulse skew is the absolute difference of the propagation delay times: | tpLH - tpHL |.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com