Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3026 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # ZSSC3026
Description  Low Power, High Resolution 16-Bit Sensor Signal Conditioner
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3026 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button ZSSC3026 Datasheet HTML 35Page - Renesas Technology Corp ZSSC3026 Datasheet HTML 36Page - Renesas Technology Corp ZSSC3026 Datasheet HTML 37Page - Renesas Technology Corp ZSSC3026 Datasheet HTML 38Page - Renesas Technology Corp ZSSC3026 Datasheet HTML 39Page - Renesas Technology Corp ZSSC3026 Datasheet HTML 40Page - Renesas Technology Corp ZSSC3026 Datasheet HTML 41Page - Renesas Technology Corp ZSSC3026 Datasheet HTML 42Page - Renesas Technology Corp ZSSC3026 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
ZSSC3026
© 2016 Integrated Device Technology, Inc.
39
March 28, 2016
MTP
Address
Word /
Bit Range
Default
Setting
Description
Description
9:8
00BIN
Lsb
Absolute number of bits for the LSB conversion in
the ADC with Lsb:
• 00  0-bit (single stage CB_ADC)
• 01  2-bit
• 10  4-bit
• 11  6-bit
12:10
000BIN
A2D_Offset
ADC offset and resulting A2D input range [Vref] with
A2D_Offset:
• 000  1/16 results in range [-1/16, 15/16]
• 001  2/16 results in range [-2/16, 14/16
• 010  3/16 results in range [-3/16, 13/16]
• 011  4/16 results in range [-4/16, 12/16]
• 100  5/16 results in range [-5/16, 11/16]
• 101  6/16 results in range [-6/16, 10/16]
• 110  7/16 results in range [-7/16, 9/16]
• 111  8/16 results in range [-8/16, 8/16]
14:13
00BIN
Temp_ADC
Selection between fixed ADC segmentations for
temperature measurements:
• 00  setup according to IDT-reserved memory
(recommended setup for best performance and
speed trade-off)
• 01  MSB=16, LSB=0 (16-bit)
• 10  MSB=10, LSB=6 (16-bit)
• 11  MSB=12, LSB=4 (16-bit)
15
0BIN
-
Reserved
11HEX
Not assigned
12HEX
Not assigned
13HEX
Not assigned
14HEX
Not assigned
15HEX
Not assigned
16HEX
Not assigned
17HEX
15:0
-
ChecksumC
Generated checksum for user page through a linear
feedback shift register (LFSR); signature is checked
with power-up to ensure memory content integrity
The memory integrity checksum (i.e., CRC) is generated through a linear feedback shift register with the poly-
nomial:
g(x) = x
16 + x15 + x2 + 1
with the initialization value FFFFHEX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com