Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3027 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ZSSC3027
Description  Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3027 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ZSSC3027 Datasheet HTML 17Page - Renesas Technology Corp ZSSC3027 Datasheet HTML 18Page - Renesas Technology Corp ZSSC3027 Datasheet HTML 19Page - Renesas Technology Corp ZSSC3027 Datasheet HTML 20Page - Renesas Technology Corp ZSSC3027 Datasheet HTML 21Page - Renesas Technology Corp ZSSC3027 Datasheet HTML 22Page - Renesas Technology Corp ZSSC3027 Datasheet HTML 23Page - Renesas Technology Corp ZSSC3027 Datasheet HTML 24Page - Renesas Technology Corp ZSSC3027 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
ZSSC3027 Datasheet
© 2016 Integrated Device Technology, Inc.
21
April 20, 2016
Figure 3.2
Operational Flow Chart: Command Mode and Normal Mode
Sleep Mode
Receive: Command
Start_NOM
Execute: Command
HV Operation
LV Operation
Color Legend:
CMD==Start_CM
yes
no
Get command from HV
Command Mode
Case (Command)
REGULAR_CMD
INVALID_CMD
CM active
Start LV
End LV
CM inactive
Execute: Command
Case (Command)
REGULAR_CMD
INVALID_CMD
3.4.
Command Interpretation
3.4.1.
SPI/I
2C™ Commands
The user-accessible section of memory includes addresses 00HEX through 17HEX in the OTP memory that is
designated by the user memory page pointer. Because each of the four OTP memory pages cannot be rewritten
or erased, the memory page pointer must be incremented to the next OTP memory page in order to write to
memory again (see Table 3.1 for the command). After all four user-accessible OTP memory pages have been
used, further write operations are not possible and the “Memory Full” bit is returned as set in the status byte after
write operations (see section 3.5.1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com