Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3036CC1C Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # ZSSC3036CC1C
Description  Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3036CC1C Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button ZSSC3036CC1C Datasheet HTML 28Page - Renesas Technology Corp ZSSC3036CC1C Datasheet HTML 29Page - Renesas Technology Corp ZSSC3036CC1C Datasheet HTML 30Page - Renesas Technology Corp ZSSC3036CC1C Datasheet HTML 31Page - Renesas Technology Corp ZSSC3036CC1C Datasheet HTML 32Page - Renesas Technology Corp ZSSC3036CC1C Datasheet HTML 33Page - Renesas Technology Corp ZSSC3036CC1C Datasheet HTML 34Page - Renesas Technology Corp ZSSC3036CC1C Datasheet HTML 35Page - Renesas Technology Corp ZSSC3036CC1C Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
ZSSC3036 Datasheet
© 2016 Integrated Device Technology, Inc.
32
April 20, 2016
3.6.3.
Memory Contents
Table 3.8
MTP Memory Content Assignments
MTP
Address
Word / Bit
Range
Default
Setting
Description
Notes / Explanations
00HEX
15:0
0000HEX
Cust_ID0
Customer ID byte 0 (combines with memory word
01HEX to form customer ID)
01HEX
15:0
0000HEX
Cust_ID1
Customer ID byte 1 (combines with memory word
00HEX to form customer ID)
Interface Configuration
02HEX
6:0
000 0000BIN
Slave_Addr
I²C™ slave address; valid range: 00HEX to 7FHEX
(default: 00HEX), Remark: address codes 04HEX to
07HEX are reserved for entering the I
2C™ High Speed
Mode
8:7
00BIN
-
Reserved
9
0BIN
SS_polarity
Determines the polarity of the Slave Select pin (SS)
for SPI operation:
• 0  Slave Select is active low (SPI and
ZSSC3036 are active if SS==0)
• 1  Slave Select is active high (SPI and
ZSSC3036 are active if SS==1)
11:10
00BIN
CKP_CKE
Clock polarity and clock-edge select—determines
polarity and phase of SPI interface clock with the
following modes:
• 00  SCLK is low in idle state, data latch with
rising edge and data output with falling edge
• 01  SCLK is low in idle state, data latch with
falling edge and data output with rising edge
• 10  SCLK is high in idle state, data latch with
falling edge and data output with rising edge
• 11  SCLK is high in idle state, data latch with
rising edge and data output with falling edge
15:12
-
Not assigned



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com