Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3138BA2T Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ZSSC3138BA2T
Description  Sensor Signal Conditioner for Ceramic Sensor Applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3138BA2T Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ZSSC3138BA2T Datasheet HTML 17Page - Renesas Technology Corp ZSSC3138BA2T Datasheet HTML 18Page - Renesas Technology Corp ZSSC3138BA2T Datasheet HTML 19Page - Renesas Technology Corp ZSSC3138BA2T Datasheet HTML 20Page - Renesas Technology Corp ZSSC3138BA2T Datasheet HTML 21Page - Renesas Technology Corp ZSSC3138BA2T Datasheet HTML 22Page - Renesas Technology Corp ZSSC3138BA2T Datasheet HTML 23Page - Renesas Technology Corp ZSSC3138BA2T Datasheet HTML 24Page - Renesas Technology Corp ZSSC3138BA2T Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
ZSSC3138 Datasheet
© 2016 Integrated Device Technology, Inc.
21
January 25, 2016
4
Pin Configuration and Package
Table 4.1
Pin Configuration and Definition
Pin No
Pin Name
Description
Remarks
1
VDDA
Positive Analog Supply Voltage
Internal analog supply
2
VSSA
Negative Analog Supply Voltage
Internal analog ground
3
SDA
I²C™ Serial Data
Digital I/O; internal pull-up to VDDA
4
SCL
I²C™ Clock
Digital input; internal pull-up to VDDA
5
N.C.
Not connected
6
VDD
Positive Digital Supply Voltage
Internal digital supply
7
VDDE
Positive External Supply Voltage
High voltage analog supply
8
VSSE
Negative External Supply Voltage
Ground
9
AOUT
Analog Output
and ZACwire
TM Serial Data
High voltage analog I/O
10
VBN
Negative Input from Sensor Bridge
Analog input
11
VBR_B
Negative Sensor Bridge Supply Voltage
Analog I/O
Depending on application circuit, short to VSSA
12
VBP
Positive Input from Sensor Bridge
Analog input
13
VBR_T
Positive Sensor Bridge Supply Voltage
Analog I/O
Depending on application circuit, short to VDDA
14
N.C.
Not connected
The standard package of the ZSSC3138 is an RoHS-compliant SSOP14 “green” package (5.3mm body width)
with a lead pitch of 0.65 mm.
Figure 4.1
ZSSC3138 SSOP14 Pin Diagram
VDDE
VDD
N.C.
SCL
SDA
VSSA
VDDA
VSSE
AOUT
VBN
VBR_B
VBP
VBR_T
N.C.
B
Revision
PPPP
Product and Package Code
LLLLLLLL
Lot Number
YYWW
Date Code (Year, Work Week)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com