Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3138BA2R Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ZSSC3138BA2R
Description  Sensor Signal Conditioner for Ceramic Sensor Applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3138BA2R Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ZSSC3138BA2R Datasheet HTML 10Page - Renesas Technology Corp ZSSC3138BA2R Datasheet HTML 11Page - Renesas Technology Corp ZSSC3138BA2R Datasheet HTML 12Page - Renesas Technology Corp ZSSC3138BA2R Datasheet HTML 13Page - Renesas Technology Corp ZSSC3138BA2R Datasheet HTML 14Page - Renesas Technology Corp ZSSC3138BA2R Datasheet HTML 15Page - Renesas Technology Corp ZSSC3138BA2R Datasheet HTML 16Page - Renesas Technology Corp ZSSC3138BA2R Datasheet HTML 17Page - Renesas Technology Corp ZSSC3138BA2R Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
ZSSC3138 Datasheet
© 2016 Integrated Device Technology, Inc.
14
January 25, 2016
Figure 2.2
Measurement Cycle with 1 Bridge Sensor Signal Measurement per Special Measurement
CTAZ
CT
BRAZ
BR
BR
BR
BRAZ
BR
CTAZ
CT
BR
BR
CMV
SSCP
SSCN
12
Measurements
per Cycle
Measurement Cycle
Measurement Cycle with Bridge Signal Output
CFGAPP:BRCNT = 0
(1 bridge sensor signal measurement per special measurement)
Startup
BR
Bridge Sensor
Measurement
BRAZ
Bridge Sensor
Auto-Zero Measurement
CT
Calibration Temperature
Measurement
CTAZ
Calibration Temperature
Auto-Zero Measurement
Bridge Sensor Signal
Main Signals Measurement
Measurement Cycle Phases
Analog Output Updated
SSCP Sensor Short Check
Positive-Biased Measurement
SSCN Sensor Short Check
Negative-Biased Measurement
CMV
Sensor Common Mode Voltage
Measurement
Safety Functions Measurement *
* Not available for all ZSSC313x products. See Table 1.1
in the ZSSC313x Functional Description.
2.3.4.
Analog-to-Digital Converter
The A/D converter is implemented using full-differential switched-capacitor technique.
• Programmable ADC resolutions are r
ADC=<13, 14>bit. The ZSSC3138 supports <15, 16>bit resolution with
range zooming.
The A/D conversion is integrating, inherently monotone, and insensitive to short and long term instability of the
clock frequency. The conversion time tADC depends on the desired resolution and can be roughly calculated by
equation (1):
=
2
f
2
t
OSC
r
ADC
ADC
(1)
Where
rADC
Resolution of A/D conversion
fOSC
Frequency of internal oscillator (refer to 1.3.1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com