Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XCSLE3535342 Datasheet(PDF) 2 Page - Schneider Electric

Part # XCSLE3535342
Description  plastic safety switch XCSLE - 2NC4NO- slow break - 3 entries tapped M20 -230V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XCSLE3535342 Datasheet(HTML) 2 Page - Schneider Electric

  XCSLE3535342 Datasheet HTML 1Page - Schneider Electric XCSLE3535342 Datasheet HTML 2Page - Schneider Electric XCSLE3535342 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Short-circuit protection
4 A cartridge fuse type gG (gl)
6 A type fast blow
Maximum actuator forcible withdrawal rtc
1400 N
Minimum actuator force for extraction
20 N
Resistance to mechanical impact
1.2 J against the partition
4.9 J without partition
Maximum operating rate
10 cyc/mn for maximum durability
Safety level
Can reach category 4 with the appropriate monitoring system and correctly wired
conforming to EN/ISO 13849-1
Can reach PL = e with the appropriate monitoring system and correctly wired
conforming to EN/ISO 13849-1
Can reach SIL 3 conforming to EN/IEC 61508
Safety reliability data
B10d = 5500000 value given for a life time of 20 years limited by mechanical or
contact wear
Body material
PA (polyamide)
Head material
PA (polyamide)
Depth
51 mm
Height
205 mm
Width
44 mm
Net weight
0.53 kg
Environment
Standards
EN/IEC 60947-5-1
EN/IEC 60204-1
EN 1088/ISO 14119
EN/IEC 62061
CSA C22.2 No 14
UL 508
EN/ISO 13849-1
Product certifications
UL
TÜV
CSA
Protective treatment
TC
Ambient air temperature for operation
-25…60 °C
Ambient air temperature for storage
-40…70 °C
Vibration resistance
5 gn (f= 10…500 Hz) conforming to IEC 60068-2-6
Shock resistance
10 gn for 11 ms conforming to IEC 60068-2-27
Electrical shock protection class
Class II conforming to EN/IEC 61140
IP degree of protection
IP66 conforming to EN/IEC 60529 and EN/IEC 60947-5-1
IP67
Packing Units
Unit Type of Package 1
PCE
Number of Units in Package 1
1
Package 1 Weight
630 g
Package 1 Height
5.7 cm
Package 1 width
7.3 cm
Package 1 Length
22.8 cm
Offer Sustainability
Sustainable offer status
Green Premium product
REACh Regulation
REACh Declaration
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS
Declaration
Mercury free
Yes
RoHS exemption information
Yes
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com