Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OMR185SCM Datasheet(PDF) 8 Page - International Rectifier

Part # OMR185SCM
Description  30 kRad - 100kRad RADIATION TOLERANT 7.5A, 5A, 3A, 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OMR185SCM Datasheet(HTML) 8 Page - International Rectifier

  OMR185SCM Datasheet HTML 1Page - International Rectifier OMR185SCM Datasheet HTML 2Page - International Rectifier OMR185SCM Datasheet HTML 3Page - International Rectifier OMR185SCM Datasheet HTML 4Page - International Rectifier OMR185SCM Datasheet HTML 5Page - International Rectifier OMR185SCM Datasheet HTML 6Page - International Rectifier OMR185SCM Datasheet HTML 7Page - International Rectifier OMR185SCM Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MECHANICAL OUTLINES
OMR183- OMR186 Series
OMR18XNH
Non-Isolated
Pin 1
-
Input
Pin 2
-
Adjust
Pin 3
-
Output (Case)
Add “H” to part number for TO-205 Package
OMR18XST
Isolated/Front View
Pin 1 - Adjust
Pin 2 - Output
Pin 3 - Input
Tab
- Isolated
Add “T” to part number for
TO-257 Package
OMR18XNM
Pin 1 - Input
Pin 2 - Adjust
Pin 3 - Output
Add “M” to part number for
SMD (Surface Mount Package)
12 3
1
2
3
“T” P/N DESIGNATOR
“H” P/N DESIGNATOR
TO-257AA
TO-205AF (TO-39)
SMD-1
PART NUMBER DESIGNATOR
(Example OMR186STM)
OMR
186
S
T
M
Omnirel
Device
Isolated
Package
Screening
Rad-Tolerant
Type
Package
Style
Level
Hermetic D2 Pac
“R” P/N DESIGNATOR
OMR18XSR
Isolated
Front View
Pin 1 - Adjust
Pin 2 - Output
Pin 3 - Input
Tab
- Isolated
Add “R” to part number for
D2 Pac Package
“M” P/N DESIGNATOR
205 Crawford Street, Leominster, MA 01453 USA (978) 534-5776 FAX (978) 537-4246
Visit Our Web Site at www.omnirel.com
12 3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com