Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BUY15CS23K-01 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BUY15CS23K-01
Description  HiRel RadHard Power-MOS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BUY15CS23K-01 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BUY15CS23K-01 Datasheet HTML 1Page - Infineon Technologies AG BUY15CS23K-01 Datasheet HTML 2Page - Infineon Technologies AG BUY15CS23K-01 Datasheet HTML 3Page - Infineon Technologies AG BUY15CS23K-01 Datasheet HTML 4Page - Infineon Technologies AG BUY15CS23K-01 Datasheet HTML 5Page - Infineon Technologies AG BUY15CS23K-01 Datasheet HTML 6Page - Infineon Technologies AG BUY15CS23K-01 Datasheet HTML 7Page - Infineon Technologies AG BUY15CS23K-01 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data Sheet
BUY15CS23K-01
IFAG PMM RFS D HIR
2 of 8
V3, Sep 2016
Electrical Characteristics, at TA=25°C; unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Breakdown Voltage Drain to Source
ID = 0.25mA, VGS = 0V
BVDSS
150
-
-
V
Temperature Coefficient of BVDSS
BV
DSS/TJ
-
0.20
-
V/°C
Gate Threshold Voltage
ID = 1.0mA, VDS ≥ VGS
VGS(th)
2.0
-
4.0
V
Gate to Source Leakage Current
VDS = 0V, VGS = +/- 20V
IGSS
-
-
+/-100
nA
Drain Current
VDS = 120V, VGS = 0V
IDSS
-
-
25
µA
Drain Source On Resistance
1)
VGS = 10V, ID = 15A
RDS(ON)
-
55
60
m
Ω
Source Drain Diode, Forward Voltage
1), 2)
VGS = 0V, IS = 23A
VSD
-
-
1.3
V
AC Characteristics
Turn-on Delay Time
VDD = 50% VDS, ID = 15A, RG = 4.7Ω
td(ON)
-
11
30
ns
Rise Time
VDD = 50% VDS, ID = 15A, RG = 4.7Ω
tr
-
8
50
ns
Turn-off Delay Time
VDD = 50% VDS, ID = 15A, RG = 4.7Ω
td(OFF)
-
19
40
ns
Fall Time
VDD = 50% VDS, ID = 15A, RG = 4.7Ω
tf
-
6
40
ns
Reverse Recovery Time
VDD < 50% VDS, ID = 23A
trr
-
220
300
ns
Common Source Input Capacitance
VDS = 100V, VGS = 0V, f = 1.0MHz
Ciss
1000
1500
1700
pF
Common Source Output Capacitance
VDS = 100V, VGS = 0V, f = 1.0MHz
Coss
140
160
200
pF
Common Source
Reverse Transfer Capacitance
VDS = 100V, VGS = 0V, f = 1.0MHz
Crss
5
23
30
pF
Gate Resistance
RG
-
1.4
-
Ω
Total Gate Charge
VDD = 50% VDS, VGS = 10V, ID = 23A
QG
-
-
32
nC
Notes:
1) Pulsed Measurement: Pulse Width < 300µs, Duty Cycle <2.0%.
2) Measured within 2.0 mm of case.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com