Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

8V97053L Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 8V97053L
Description  Low Power Wideband Fractional RF Synthesizer / PLL?
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8V97053L Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 8V97053L Datasheet HTML 17Page - Renesas Technology Corp 8V97053L Datasheet HTML 18Page - Renesas Technology Corp 8V97053L Datasheet HTML 19Page - Renesas Technology Corp 8V97053L Datasheet HTML 20Page - Renesas Technology Corp 8V97053L Datasheet HTML 21Page - Renesas Technology Corp 8V97053L Datasheet HTML 22Page - Renesas Technology Corp 8V97053L Datasheet HTML 23Page - Renesas Technology Corp 8V97053L Datasheet HTML 24Page - Renesas Technology Corp 8V97053L Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 67 page
background image
21
©2018 Integrated Device Technology, Inc.
August 9, 2018
8V97053L Datasheet
3- or 4-Wire SPI Interface Description
The 8V97053L has a serial control port capable of responding as a slave in an SPI compatible configuration to allow access to any of the
internal registers (see section, “Register Map” on page 22) for device programming or examination of internal status. See the specific sections
for each register for details on meanings and default conditions.
SPI mode slave operation requires that a device external to the 8V97053L has performed any necessary serial bus arbitration and/or address
decoding at the level of the board or system. The 8V97053L begins a cycle by detecting an asserted (low) state on the nCS input at a rising
edge of SCLK. This is also coincident with the first bit of data being shifted into the device. In SPI mode, the first bit is the Most Significant Bit
(MSB) of the data word being written. Data must be written in 32-bit words, with nCS remaining asserted and one data bit being shifted in to
the 8V97053L on every rising edge of SCLK. If nCS is de-asserted (high) at any time except after the complete 32nd SCLK cycle, this is treated
as an error and the shift register contents are discarded. No data is written to any internal registers. If nCS is de-asserted (high) as expected
at a time at least tSU after the 32nd falling edge of SCLK, then this will result in the shift register contents being acted on according to the control
bit in it.
It is recommended to write the registers in reverse sequential order, starting with the highest register number first and ending with Register 0.
The word format of the 32-bit quantity in the shift register is shown in Table 4F. The register fields in the 8V97053L have been organized so
that the three LSBs in each 32-bit register row are not used for data transfer. These bits will represent the base address for the 32-bit register
row.
To perform a register Read, the user needs set the MUX_OUT bits (Bits[28:D26]) in Register 2 to 111 to configure the MUX_OUT pin as SDO.
Register 7 (Instruction register) needs to be set for Read operation. Bit D3 of Register 7 will set the Read or Write command, and Bits[D4:D6]
determine the read back address.
If a read operation is requested, 32-bits of read data will be provided in the immediately subsequent access. nCS must be de-asserted (high)
for at least tPW, and then reasserted (low).
If SCLKE = 1 (default condition), one data bit will be transmitted on the SDO output at the falling edge of nCS and each falling edge of SCLK
as long as nCS remains asserted (low), and the master device should capture data on the rising edge of SCLK. If SCLKE = 0, one data bit will
be transmitted on the SDO output at each rising edge of SCLK as long as nCS remains asserted (low), and the master device should capture
data on the falling edge of SCLK.
If nCS is de-asserted (high) before 32-bits of read data have been shifted out, the read cycle will be considered to be completed. If nCS remains
asserted (low) longer than 32-bit times, then the data during those extra clock periods will be undefined. The MSB of the data will be presented
first.
Table 4F. SPI Mode Serial Word Structure
Bit #
MSB
LSB
31
…
5
4
3
2
1
0
Meaning
D[31:3]
Control Bits
Width
29
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com