Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

F0440NBGI Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # F0440NBGI
Description  Dual Matched Broadband RF DVGA 450MHz to 2700MHz
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0440NBGI Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button F0440NBGI Datasheet HTML 23Page - Renesas Technology Corp F0440NBGI Datasheet HTML 24Page - Renesas Technology Corp F0440NBGI Datasheet HTML 25Page - Renesas Technology Corp F0440NBGI Datasheet HTML 26Page - Renesas Technology Corp F0440NBGI Datasheet HTML 27Page - Renesas Technology Corp F0440NBGI Datasheet HTML 28Page - Renesas Technology Corp F0440NBGI Datasheet HTML 29Page - Renesas Technology Corp F0440NBGI Datasheet HTML 30Page - Renesas Technology Corp F0440NBGI Datasheet HTML 31Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
F0440 Datasheet
© 2020 Renesas Electronics Corporation
28
August 13, 2020
Package Outline Drawings
The package outline drawings are appended at the end of this document and are accessible from the link below. The package information is
the most current data available.
www.idt.com/us/en/document/psc/nbnbg36-package-outline-60-x-60-mm-body-epad-410-mm-sq-050-mm-pitch-qfn
Ordering Information
Orderable Part Number
Package
MSL Rating
Shipping Packaging
Temperature
F0440NBGI
6 x 6 x 0.75 mm 36-TQFN
1
Tray
-40° to +105°C
F0440NBGI8
6 x 6 x 0.75 mm 36-TQFN
1
Tape and Reel
-40° to +105°C
F0440EVBI
Evaluation Board
Marking Diagram
IDTF0440
NBGI
ZW1607L
Q86A034MY
Part Number
ASM Test
Step
Lot Number
Date Code
(Week 7 of 2016)
Assembler
Code
Revision History
Revision Date
Description of Change
August 13, 2020
Added Spec Table at 450MHz
May 13, 2020
Rebranded datasheet.
July 27, 2016
First release (Rev O) of the F0440 datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com