Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

F0453CEVB Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # F0453CEVB
Description  Dual Path RF Switch with LNA and DVGA 3300MHz to 4000MHz
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0453CEVB Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button F0453CEVB Datasheet HTML 6Page - Renesas Technology Corp F0453CEVB Datasheet HTML 7Page - Renesas Technology Corp F0453CEVB Datasheet HTML 8Page - Renesas Technology Corp F0453CEVB Datasheet HTML 9Page - Renesas Technology Corp F0453CEVB Datasheet HTML 10Page - Renesas Technology Corp F0453CEVB Datasheet HTML 11Page - Renesas Technology Corp F0453CEVB Datasheet HTML 12Page - Renesas Technology Corp F0453CEVB Datasheet HTML 13Page - Renesas Technology Corp F0453CEVB Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
F0453C Datasheet
© 2020 Renesas Electronics Corporation
10
May 1, 2020
Electrical Characteristics: 3300MHz [1]
Table 5.
Electrical Characteristics: RX Path in Rx Mode Cascaded Performance
See the F0453C Application Circuit. Specifications apply when operated as an Rx RF amplifier with VDD = +3.3V, fRF = 3300MHz, TEPAD = +25°C,
STBY = LOW, RX output power = -10dBm, ZS = ZL = 50Ω, and EVKit trace and connector losses are de-embedded unless otherwise noted.
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
Input Return Loss
RLIN
Measured at SW1_IN, SW2_IN
High Gain Mode
8 [a]
dB
Measured at SW1_IN, SW2_IN
Low Gain Mode
6
Measured at SW1_IN, SW2_IN
TX mode [b] [c]
11
Output Return Loss
RLOUT
Measured at RX1_OUT,
RX2_OUT,
High/Low Gain Modes
5
dB
Reverse Isolation
ISOREV
RX1_OUT to SW1_IN, or
RX2_OUT to SW2_IN
55
65
dB
Gain
GHG
High Gain Mode
32
34.5
37
dB
GHG_TEMP
TEPAD = -40 to 105°C
31
38
Gain Attenuated
GLG
Low Gain Mode
29
dB
Noise Figure
NF
Measured at antenna port
ideally matched to LNA
1.2
1.4
dB
TEPAD = 105°C
1.9
Low Gain Mode
1.2
[a] Items in Minimum/Maximum columns in bold italics are guaranteed by test. Items in Minimum/Maximum columns NOT in bold italics are
guaranteed by design characterization.
[b] Specification reflects use of an external termination resistor at SW1_OUT, SW2_OUT with a RL > 22dB.
[c] Performance can be further improved with tuning at the SW1_OUT and SW2_OUT ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com