Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

F1451 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # F1451
Description  TX Digital VGA 450MHz to 1100MHz
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1451 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button F1451 Datasheet HTML 17Page - Renesas Technology Corp F1451 Datasheet HTML 18Page - Renesas Technology Corp F1451 Datasheet HTML 19Page - Renesas Technology Corp F1451 Datasheet HTML 20Page - Renesas Technology Corp F1451 Datasheet HTML 21Page - Renesas Technology Corp F1451 Datasheet HTML 22Page - Renesas Technology Corp F1451 Datasheet HTML 23Page - Renesas Technology Corp F1451 Datasheet HTML 24Page - Renesas Technology Corp F1451 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
F1451 Datasheet
© 2020 Renesas Electronics Corporation.
21
January 15, 2020
Table 10. Bill of Material (BOM)
Part Reference
QTY
Description
Manufacturer Part #
Manufacturer
C1, C2
2
47pF ±5%, 50V, C0G Ceramic Capacitor (0402)
GRM1555C1H470J
MURATA
C3
1
100nF ±10%, 16V, X7R Ceramic Capacitor (0402)
GRM155R71C104K
MURATA
C4
1
1000pF ±5%, 50V, C0G Ceramic Capacitor (0402)
GRM1555C1H102J
MURATA
C5, C6, C7
3
2pF ±0.1pF, 50V, C0G Ceramic Capacitor (0402)
GRM1555C1H2R0B
MURATA
C12
1
10µF ±20%, 16V, X6S Ceramic Capacitor (0603)
GRM188C81C106M
MURATA
R1
1
2.0kΩ ±1%, 1/10W, Resistor (0402)
ERJ-2RKF2001X
PANASONIC
R4 - R7
4
0Ω Resistor (0402)
ERJ-2GE0R00X
PANASONIC
R8 - R10, R16
4
1kΩ ±1%, 1/10W, Resistor (0402)
ERJ-2RKF1001X
PANASONIC
J4
1
CONN HEADER VERT SGL 2 X 1 POS GOLD
961102-6404-AR
3M
J6
1
CONN HEADER VERT SGL 3 X 1 POS GOLD
961103-6404-AR
3M
J7
1
CONN HEADER VERT DBL 4 X 2 POS GOLD
67997-108HLF
FCI
J1, J2
2
Edge Launch SMA (0.375 inch pitch ground, tab)
142-0701-851
Emerson Johnson
J3
1
Edge Launch SMA (0.250 inch pitch ground, round)
142-0711-821
Emerson Johnson
U1
1
VGA AMP
F1451NKGK
RENESAS
C8 - C11, C13 - C16,
R2, R3, R11 - R15, J5
DNP
1
Printed Circuit Board
F145X EVKIT REV 02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com