Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MS2361 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MS2361
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS2361 Datasheet(HTML) 2 Page - Advanced Power Technology

  MS2361 Datasheet HTML 1Page - Advanced Power Technology MS2361 Datasheet HTML 2Page - Advanced Power Technology MS2361 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
MS2361
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25°°C)
C)
STATIC
STATIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
BVCBO
IC = 10mA
IE = 0mA
65
---
---
V
BVCES
IC = 25mA
VBE = 0V
65
---
---
V
BVEBO
IE = 10mA
IC = 0mA
3.5
---
---
V
ICES
VCE = 50V
IE = 0mA
---
---
5
mA
hFE
VCE = 5V
IC = 100mA
10
---
---
---
DYNAMIC
DYNAMIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
POUT
f =1025 - 1150 MHz
PIN = 13.0W
VCE = 50V
75
---
---
W
GP
f =1025 - 1150 MHz
PIN = 13.0W
VCE = 50V
7.6
---
---
dB
Note:
Pulse Width = 10us, Duty Cycle = 1%
This device is suitable for use under other pulse width/duty cycle conditions.
Please contact the factory for specific application assistance.
IMPEDANCE DATA
IMPEDANCE DATA
FREQ
ZIN (
Ω)
ZCL (
Ω)
960 MHz
2.5 + j 13.0
4.6 + j 5.5
1030 MHz
5.2 + j 15.0
5.0 + j 5.5
1090 MHz
16.3 + j 15.0
4.8 + j 5.5
1150 MHz
14.7 + j 2.5
4.7 – j 7.0
1215 MHz
7.6 + j 0.5
4.7 – j 5.0
PIN = 13W
VCC = 50V
Pulse Width = 10uSec
Duty Cycle = 1%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com