Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XCSDM379110 Datasheet(PDF) 2 Page - Schneider Electric

Part # XCSDM379110
Description  coded magnetic system XCSDM3 - SIL 2 - 2 PNP outputs - cable 10m
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XCSDM379110 Datasheet(HTML) 2 Page - Schneider Electric

  XCSDM379110 Datasheet HTML 1Page - Schneider Electric XCSDM379110 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Installed device
32 maximum with 2 m long cable
Marking
CE
Safety level
Can reach category 3 correctly wired conforming to EN/ISO 13849-1
Can reach PL = d correctly wired conforming to EN/ISO 13849-1
Can reach SIL 2 correctly wired conforming to EN/IEC 61508
Safety reliability data
HFT = 1
MTTFd = 182 years
PFD = 1.15E-5
PFH = 3.94E-9
SF = 92.5 %
Enclosure material
Thermoplastic PBT
Cable material
PVC
Depth
32 mm
Height
100 mm
Width
34 mm
Net weight
0.745 kg
Environment
Standards
EN 13849-1
EN/IEC 60947-5-1
EN/IEC 60947-5-3
EN/IEC 60947-5-2
EN/IEC 62061
IEC 61508
ISO 14119
Product certifications
UL
TÜV
CSA
Ambient air temperature for operation
-25…70 °C
Ambient air temperature for storage
-40…85 °C
Vibration resistance
10 gn (f= 10…500 Hz) conforming to IEC 60068-2-6
Shock resistance
30 gn for 11 ms conforming to IEC 60068-2-27
Maximum sensitivity to magnetic fields
0.5 mT
Electrical shock protection class
Class III conforming to EN/IEC 61140
IP degree of protection
IP66 conforming to IEC 60529
IP67 conforming to IEC 60529
IP69K conforming to DIN 40050
Packing Units
Package 1 Weight
0.724 kg
Package 1 Height
0.500 dm
Package 1 width
1.800 dm
Package 1 Length
1.900 dm
Offer Sustainability
REACh Regulation
REACh Declaration
REACh free of SVHC
Yes
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS
Declaration
Toxic heavy metal free
Yes
Mercury free
Yes
RoHS exemption information
Yes
Contractual warranty
Warranty
18 months



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com